Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC193P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC193P
Description  Synchronous Up/Down Decade Counter (Dual Clock Lines)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC193P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC193P Datasheet HTML 5Page - Renesas Technology Corp HD74HC193P Datasheet HTML 6Page - Renesas Technology Corp HD74HC193P Datasheet HTML 7Page - Renesas Technology Corp HD74HC193P Datasheet HTML 8Page - Renesas Technology Corp HD74HC193P Datasheet HTML 9Page - Renesas Technology Corp HD74HC193P Datasheet HTML 10Page - Renesas Technology Corp HD74HC193P Datasheet HTML 11Page - Renesas Technology Corp HD74HC193P Datasheet HTML 12Page - Renesas Technology Corp HD74HC193P Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HD74HC192, HD74HC193
Rev.3.00, Jan 31, 2006 page 9 of 13
Count
Down
QA
VCC
VOL
VOH
0 V
1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. tn is reference bit time when outputs are H, L, L, H
Notes :
tw (H)
50%
tf
50%
tr
50%
QB
VOL
VOH
• Waveform – 2 (HD74HC192)
QC
VOL
VOH
QD
VOL
VOH
Borrow
VOL
VOH
50%
50%
50%
50%
50%
50%
50%
90%
10%
tTHL
50%
90%
tTLH
(Measure at tn+0)
tw (L)
tPLH
50%
(Measure at tn+1)
tPHL
(Measure at tn+0)
tPLH
tPHL
(Measure before
1 clock of tn+0)
(Measure at tn+2)
tPLH
(Measure at tn+2)
tPLH
(Measure at tn+0)
tPLH
(Measure at tn+2)
tPHL
(Measure at tn+4)
tPHL
(Measure at tn+6)
tPHL
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com