Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM223C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSM223C
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM223C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSM223C Datasheet HTML 1Page - Renesas Technology Corp HSM223C Datasheet HTML 2Page - Renesas Technology Corp HSM223C Datasheet HTML 3Page - Renesas Technology Corp HSM223C Datasheet HTML 4Page - Renesas Technology Corp HSM223C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM223C
Rev.5.00 Mar 10, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Peak forward current
IFM
300
mA
Non-Repetitive peak forward surge current
IFSM *
1
4
A
Average rectified current
IO
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
1. Value at duration of 1
µs.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
0.76
1.0
IF = 10 mA
VF2
0.88
1.0
IF = 50 mA
Forward voltage
VF3
0.97
1.2
V
IF = 100 mA
Reverse current
IR
0.1
µA
VR = 80 V
Capacitance
C
0.5
2.0
pF
VR = 0 V, f = 1 MHz
Reverse recovery time
trr
3.0
ns
IF = 10 mA, VR = 6 V, RL = 50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com