Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM276AS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSM276AS
Description  Silicon Schottky Barrier Diode for Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM276AS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSM276AS Datasheet HTML 1Page - Renesas Technology Corp HSM276AS Datasheet HTML 2Page - Renesas Technology Corp HSM276AS Datasheet HTML 3Page - Renesas Technology Corp HSM276AS Datasheet HTML 4Page - Renesas Technology Corp HSM276AS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSM276AS
Rev.1.00 Apr 26 page 4 of 4
Package Dimensions
Pattern of terminal position areas
e
e1
l1
b2
b
c
A — A Section
D
A
A
b
E HE
e
A
A1
Q
c
L
A1.0
-
1.3
A1
0-
0.1
b
0.35
0.4
0.5
c
0.1
0.16
0.26
D2.7
-
3.1
E
1.35
1.5
1.65
-
0.95
-
--
e
HE
2.2
2.8
3.0
L
0.65
b2
-
-
0.55
-1.95
-
e1
l1
-
-
1.05
Q
-
0.3
-
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-59A
0.011g
MASS[Typ.]
MPAK(D) / MPAK(D)V
PLSP0003ZC-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com