Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM88AS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSM88AS
Description  Silicon Schottky Barrier Diode for Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM88AS Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSM88AS Datasheet HTML 1Page - Renesas Technology Corp HSM88AS Datasheet HTML 2Page - Renesas Technology Corp HSM88AS Datasheet HTML 3Page - Renesas Technology Corp HSM88AS Datasheet HTML 4Page - Renesas Technology Corp HSM88AS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM88AS
Rev.6.00, Nov.06.2003, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
10
V
Average rectified current
IO *
1
15
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Per one device
Electrical Characteristics *
1
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
0.35
—
0.42
IF = 1 mA
Forward voltage
VF2
0.50
—
0.58
V
IF = 10 mA
IR1
—
—
0.2
VR = 2 V
Reverse current
IR2
—
—
10
µA
VR = 10 V
Capacitance
C
—
—
0.85
pF
VR = 0 V, f = 1 MHz
Capacitance deviation
∆C
—
—
0.10
pF
VR = 0 V, f = 1 MHz
Forward voltage deviation
∆V
F
—
—
10
mV
IF = 10 mA
ESD-Capability *
2
—
30
—
—
V
C = 200 pF, R = 0
Ω , Both forward
and reverse direction 1 pulse.
Notes: 1. Per one device
2. Failure criterion ; IR ≥ 0.4 µA at VR = 2 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com