Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSU83 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSU83
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU83 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSU83 Datasheet HTML 1Page - Renesas Technology Corp HSU83 Datasheet HTML 2Page - Renesas Technology Corp HSU83 Datasheet HTML 3Page - Renesas Technology Corp HSU83 Datasheet HTML 4Page - Renesas Technology Corp HSU83 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSU83
Rev.3.00 Feb 16, 2005 page 4 of 4
Package Dimensions
b
D
E HE
A1
A2
b2
l1
l1
e1
Pattern of terminal position areas
0-
0.1
A1
0.75
0.90
1.05
A2
0.15
0.30
0.45
1.10
1.25
1.40
b
1.55
1.70
1.85
2.35
2.65
-0.80
2.50
-
-2.30
-
D
-0.80
-
E
HE
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-76A
0.004g
MASS[Typ.]
URP / URPV
PTSP0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com