Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5111
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5111 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5111 Datasheet HTML 1Page - STMicroelectronics STV5111 Datasheet HTML 2Page - STMicroelectronics STV5111 Datasheet HTML 3Page - STMicroelectronics STV5111 Datasheet HTML 4Page - STMicroelectronics STV5111 Datasheet HTML 5Page - STMicroelectronics STV5111 Datasheet HTML 6Page - STMicroelectronics STV5111 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2003
1/7
STV5111
RGB HIGH VOLTAGE VIDEO AMPLIFIER
s
Bandwidth : 6MHz typical
s
Supply Voltage : 200V typical
s
Rise and Fall Time : 60ns TYPICAL
s
CRT Cathode Current Outputs for Parallel or
Sequential Cut-off or Drive Adjustment
s
Flashover Protection
DESCRIPTION
The STV5111 includes three video amplifiers
desi-gned with a high voltage bipolar/CMOS/
DMOS technology (BCD). It drives directly the
three
cathodes
and
is
protected
against
flashovers. Thanks to its three cathode current
outputs, the STV5111 can be used with both par-
allel and sequential sampling applications.
Figure 1. PIN CONNECTIONS
MULTIWATT 15
(Plastic Package)
ORDER CODE: STV5111
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BLUE FEEDBACK
BLUE CATHODE CURRENT
BLUE OUTPUT
GREEN FEEDBACK
GREEN CATHODE CURRENT
GREEN OUTPUT
RED FEEDBACK
RED CATHODE CURRENT
RED OUTPUT
GROUND
RED INPUT
GREEN INPUT
BLUE INPUT
DD
CC
V
HIGH VOLTAGE
V
LOW VOLTAGE
Tab connected to Pin 8
1


Similar Part No. - STV5111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
More results

Similar Description - STV5111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
RGB Video Amplifier System
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
RGB VIDEO OUTPUT AMPLIFIER
Jan-1993
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
LM1203 RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
RGB VIDEO-AMPLIFIER SYSTEM
logo
STMicroelectronics
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com