Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG1003 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSG1003
Description  High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1003 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSG1003 Datasheet HTML 9Page - Renesas Technology Corp HSG1003 Datasheet HTML 10Page - Renesas Technology Corp HSG1003 Datasheet HTML 11Page - Renesas Technology Corp HSG1003 Datasheet HTML 12Page - Renesas Technology Corp HSG1003 Datasheet HTML 13Page - Renesas Technology Corp HSG1003 Datasheet HTML 14Page - Renesas Technology Corp HSG1003 Datasheet HTML 15Page - Renesas Technology Corp HSG1003 Datasheet HTML 16Page - Renesas Technology Corp HSG1003 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
HSG1003
Rev.2.00, Jan.25.2005, page 13 of 37
S Parameter
(VCE = 1 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.953
-6.7
9.14
173.8
0.0077
73.4
0.981
-4.6
200
0.947
-13.2
9.09
168.0
0.0151
82.6
0.988
-8.5
300
0.929
-19.3
8.97
162.6
0.0214
75.6
0.972
-12.5
400
0.916
-26.1
8.84
157.3
0.0304
73.8
0.953
-16.5
500
0.900
-32.6
8.71
152.3
0.0377
68.0
0.933
-20.3
600
0.880
-39.0
8.55
147.6
0.0442
65.8
0.907
-23.9
700
0.861
-44.9
8.29
143.0
0.0506
62.4
0.881
-27.5
800
0.838
-50.9
8.09
138.4
0.0561
58.9
0.852
-30.9
900
0.817
-57.3
7.99
134.5
0.0609
54.4
0.822
-33.9
1000
0.792
-63.2
7.76
129.9
0.0654
52.3
0.792
-36.8
1100
0.769
-69.0
7.54
125.9
0.0690
49.2
0.765
-39.6
1200
0.743
-75.0
7.36
121.6
0.0727
46.5
0.735
-42.1
1300
0.720
-80.4
7.12
117.8
0.0759
43.9
0.706
-44.7
1400
0.699
-85.8
6.88
114.2
0.0787
41.6
0.680
-47.1
1500
0.677
-91.4
6.68
110.7
0.0822
40.0
0.654
-49.4
1600
0.657
-96.8
6.49
107.1
0.0832
37.8
0.628
-51.4
1700
0.639
-101.9
6.28
103.8
0.0862
36.5
0.604
-53.5
1800
0.622
-107.0
6.07
100.6
0.0881
34.1
0.579
-55.4
1900
0.606
-112.0
5.87
97.5
0.0897
32.7
0.558
-57.4
2000
0.592
-117.1
5.69
94.6
0.0905
31.0
0.536
-59.3
2200
0.568
-126.3
5.33
88.9
0.0934
27.9
0.497
-62.8
2400
0.548
-135.5
5.01
83.5
0.0947
25.5
0.461
-66.1
2600
0.533
-144.2
4.71
78.4
0.0965
23.8
0.427
-69.5
2800
0.523
-152.5
4.44
73.6
0.0984
22.1
0.398
-72.7
3000
0.515
-160.1
4.19
69.0
0.0997
20.4
0.372
-75.9
3200
0.511
-167.4
3.96
64.6
0.1014
18.9
0.348
-79.4
3400
0.508
-174.3
3.75
60.3
0.1012
17.2
0.326
-82.6
3600
0.506
179.2
3.55
56.2
0.1021
16.4
0.305
-85.9
3800
0.507
173.4
3.38
52.4
0.1031
15.5
0.288
-89.4
4000
0.510
167.8
3.22
48.5
0.1048
15.1
0.273
-93.1
4200
0.514
162.4
3.08
44.7
0.1060
14.2
0.259
-97.0
4400
0.518
157.5
2.95
41.1
0.1071
13.4
0.247
-101.2
4600
0.524
152.8
2.82
37.5
0.1092
12.5
0.235
-105.5
4800
0.529
148.2
2.71
33.9
0.1106
11.6
0.224
-109.7
5000
0.535
143.8
2.60
30.5
0.1117
11.3
0.214
-114.7
5200
0.541
139.5
2.50
27.0
0.1138
10.6
0.205
-119.6
5400
0.547
135.6
2.41
23.6
0.1157
9.4
0.198
-124.9
5600
0.553
131.7
2.32
20.2
0.1179
9.0
0.191
-130.3
5800
0.558
127.9
2.24
16.9
0.1197
8.1
0.186
-136.0
6000
0.565
124.2
2.16
13.5
0.1220
7.2
0.181
-142.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com