Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2005 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSG2005 Datasheet HTML 1Page - Renesas Technology Corp HSG2005 Datasheet HTML 2Page - Renesas Technology Corp HSG2005 Datasheet HTML 3Page - Renesas Technology Corp HSG2005 Datasheet HTML 4Page - Renesas Technology Corp HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 3 of 12
VCE = 3 V
MAG
MSG
0
5
10
15
20
25
Collector Current
IC (mA)
Maximum Stable Gain, Maximum Available Gain
vs. Collector Current
30
1
10
100
1000
20
0
0.1
1
10
Frequency f (GHz)
30
40
10
S21 Parameter, Maximum Stable Gain,
Maximum Available Gain vs. Frequency
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
Base to Emitter Voltage
VBE (V)
Typical Transfer Characteristics
200
0
1
10
1000
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
300
100
Reverse Transfer Capacitanse vs.
Collector to Base Voltage
0.8
0.6
0123
5
1.0
Collector to Base Voltage
VCB (V)
0.4
0.2
40
30
20
0
1
10
100
1000
Collector Current
IC (mA)
Transition Frequency vs.
Collector Current
10
f = 1 GHz
5.8 GHz
5.2 GHz
1.8 GHz
2.4 GHz
4
0.0
IE = 0
f = 1 MHz
100
VCE = 3 V
VCE = 3 V
IC = 100 mA
MSG
|S21|2
MAG
VCE = 3 V
VCE = 3 V
f = 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com