Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5348
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5348 Datasheet HTML 1Page - STMicroelectronics STV5348 Datasheet HTML 2Page - STMicroelectronics STV5348 Datasheet HTML 3Page - STMicroelectronics STV5348 Datasheet HTML 4Page - STMicroelectronics STV5348 Datasheet HTML 5Page - STMicroelectronics STV5348 Datasheet HTML 6Page - STMicroelectronics STV5348 Datasheet HTML 7Page - STMicroelectronics STV5348 Datasheet HTML 8Page - STMicroelectronics STV5348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
STV5348
STV5348/H - STV5348/T
MONOCHIP TELETEXT AND VPS DECODER
WITH 8 INTEGRATED PAGES
September 1998
.
COMPLETE TELETEXT AND VPS DECODER
INCLUDING AN 8 PAGE MEMORY ON A SIN-
GLE CHIP
.
UPWARD SOFTWARE COMPATIBLE WITH
PREVIOUS
SGS-THOMSON’s
MULTICHIP
SOLUTIONS (SAA5231, SDA5243, STV5345)
.
PERFORM PDC SYSTEM A (VPS) AND PDC
SYSTEM B (8/30/2) DATA STORAGE SEPA-
RATLY
.
DEDICATED "ERROR FREE" OUTPUT FOR
VALID PDC DATA
.
INDICATION OF LINE 23 FOR EXTERNAL
USE
.
SINGLE +5V SUPPLY VOLTAGE
.
SINGLE 13.875MHz CRYSTAL
.
REDUCED SET OF EXTERNAL COMPO-
NENTS, NO EXTERNAL ADJUSTMENT
.
OPTIMIZED NUMBER OF DIGITAL SIGNALS
REDUCING EMC RADIATION
.
HIGH DENSITY CMOS TECHNOLOGY
.
DIGITAL
DATA
SLICER
AND
DISPLAY
CLOCK PHASE LOCK LOOP
.
28 PIN DIP & SO PACKAGE
DESCRIPTION
The STV5348 decoder is a computer-controlled
teletext device including an 8 page internal mem-
ory. Data slicing and capturing extracts the teletext
information embedded in the composite video sig-
nal. Control is accomplished via a two wire serial
I
2C bus ®. Chip address is 22h. Internal ROM pro-
vides a character set suitable to display text using
up to seven national languages. Hardware and
software features allow selectable master/slave
synchronization configurations. The STV5348 also
supports facilities for reception and display of cur-
rent level protocol data.
DIP28
(Plastic Package)
ORDER CODE :
STV5348 West European
STV5348/H East European
STV5348/T Turkish & European
1
2
3
4
5
6
28
27
26
25
24
23
7
8
9
22
21
20
10
19
11
18
12
17
13
16
14
15
ODD/EVEN
COR
BLAN
RGB REF
R
B
G
V
SSD
FFB
STTV/LFB
POL
V
DDA
CVBS
MA/SL
CBLK
TEST
V
SSA
V
SSO
XTI
XTO
V
DDD
VCR/TV
RESERVED
DV
L23
SDA
SCL
Y
PIN CONNECTIONS
SO28
(Plastic Package)
ORDER CODE :
STV5348D West European
STV5348D/H East European
STV5348D/T Turkish & European
1/22


Similar Part No. - STV5348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5348/T STMICROELECTRONICS-STV5348/T Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5348D STMICROELECTRONICS-STV5348D Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5348D/T STMICROELECTRONICS-STV5348D/T Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
More results

Similar Description - STV5348

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
Integrated VIP and Teletext IVT1.0
January 1993
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
VPS-Decoder
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com