Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM83 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSM83
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM83 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSM83 Datasheet HTML 1Page - Renesas Technology Corp HSM83 Datasheet HTML 2Page - Renesas Technology Corp HSM83 Datasheet HTML 3Page - Renesas Technology Corp HSM83 Datasheet HTML 4Page - Renesas Technology Corp HSM83 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.5.00, Jan.13.2004, page 1 of 4
HSM83
Silicon Epitaxial Planar Diode for High Voltage Switching
REJ03G0172-0500Z
(Previous: ADE-208-091D)
Rev.5.00
Jan.13.2004
Features
• High reverse voltage. (V
R = 250V)
• MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Code
HSM83
F7
MPAK
Pin Arrangement
1. NC
2. Anode
3. Cathode
(Top View)
21
3


Similar Part No. - HSM83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM83 HITACHI-HSM83 Datasheet
26Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Guangdong Kexin Industr...
HSM83 KEXIN-HSM83 Datasheet
670Kb / 2P
Switching Diodes
logo
Microsemi Corporation
HSM830 MICROSEMI-HSM830 Datasheet
99Kb / 2P
8 Amp Schottky Rectifier
HSM835 MICROSEMI-HSM835 Datasheet
99Kb / 2P
8 Amp Schottky Rectifier
More results

Similar Description - HSM83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSB83 RENESAS-HSB83 Datasheet
51Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
Silicon Epitaxial Planar Diode for High Voltage Switching
RKS101KG RENESAS-RKS101KG Datasheet
204Kb / 8P
Silicon Epitaxial Planar Diode for High Voltage Switching
Nov 28, 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com