Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5347DH Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV5347DH
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5347DH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV5347DH Datasheet HTML 5Page - STMicroelectronics STV5347DH Datasheet HTML 6Page - STMicroelectronics STV5347DH Datasheet HTML 7Page - STMicroelectronics STV5347DH Datasheet HTML 8Page - STMicroelectronics STV5347DH Datasheet HTML 9Page - STMicroelectronics STV5347DH Datasheet HTML 10Page - STMicroelectronics STV5347DH Datasheet HTML 11Page - STMicroelectronics STV5347DH Datasheet HTML 12Page - STMicroelectronics STV5347DH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
III - VPS DATA (see Table 2)
VPS data are stored in row 25 chapter 5 as shown
in Table 2 when VPS enable bit (D4 of R8 register)
is set. VPS data bits are decoded and stored in a
received area with biphaseerror bit. 8/30/2data are
stored as received (without hamming decoding) in
Row 23 chapter5 according to Table 2. 8/30 packet
and VPS data decoding is the responsibility of the
control software. The decoder simply stores trans-
mitted data.
IV - I
2C Bus Register Map (see Table 3)
Registers R0 to R10 are write only whilst R11A is
a read/write and R11B is read only.
The automatic succession on a byte by byte basis
is indicated by the arrows in Table 3.
In the normal operating mode TB should be set to
logic level 0.
After power-up the contents of the registers are as
follows : all bits in registers R0 to R11A are cleared
to zero with the exception of bits D0 and D1 in
registers R5 and R6 which are set to logical one.
After power-up all the memory bytes are preset to
hexadecimalvalue 20H (space) with the exception
of the byte corresponding to row 0 of column 7 of
chapter 0 which is set to the value corresponding
to “alpha white” hexadecimal value 07H.
In 4 pages mode, R1D4 (ghost row enable) is set
to ’0’. In this mode, the X/24, X/26, X/27, X/28
packets of the selected pages, and the 8/30 pack-
ets, are not stored.
In 2 pages mode, R1D4 (ghost row enable) is set
’1’. In this mode two displayable pages can be
stored in chapter 0 and 1, and the ghost rows of the
selected pages, and the 8/30 packets, are stored
in chapter 4 and 5.
Column
0123456
789
10
11
12
13
14
15
16
17
18
19
8/30/2 (Row 23)
D
Initial Page
b13 b14 b15 b16 b17 b18 b19 b20 b21 b22 b23 b24 b25
VPS (Row 25)
Received Page Information
B11
B12
B13
B14
B15
Column
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
8/30/2 (Row 23)
Status Display
VPS (Row 25)
B4
B5
Table 2 : PDC Data Storage in Chapter 5
D7
D6
D5
D4
D3
D2
D1
D0
X24
POSITION
FREE
RUNNING
PLL
(1)
DISABLE
ROLLING
HEADER
(1)
EVEN
OFF
(1)
SEL 11B
R0
Mode 0
(1)
7 + P/
8 BIT
ACQ.
ON/OFF
GHOST
ROW
ENABLE
DEW/
FULL
FIELD
TCS
ON
T1
T0
R1
Mode 1
(1)
BANK
SELECT
A2
(2)
ACQ.
CCT
A0
TB
START
COLUMN
SC2
START
COLUMN
SC1
START
COLUMN
SC0
R2
Page request address
(1)
(1)
(1)
PRD4
PRD3
PRD2
PRD1
PRD0
R3
Page request data
(1)
(1)
(1)
(1)
(1)
A2
(2)
A0
R4
Display chapter
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R5
Display control (normal)
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R6
Display control
(newsflash / subtitle)
STATUS
ROW
BTM/TOP
CURSOR
ON/OFF
CONCEAL/
REVEAL
TOP/
BOTTOM
SINGLE/
DOUBLE
HEIGHT
BOX ON
24
BOX ON
1-23
BOX ON
0
R7
Display mode
(1)
(1)
(1)
VPS
ENABLE
CLEAR
MEM.
A2
(2)
A0
R8
Active chapter
(1)
(1)
(1)
R4
R3
R2
R1
R0
R9
Active row
(1)
(1)
C5
C4
C3
C2
C1
C0
R10
Active column
D7
(R/W)
D6
(R/W)
D5
(R/W)
D4
(R/W)
D3
(R/W)
D2
(R/W)
D1
(R/W)
D0
(R/W)
R11A
Active data
60Hz
0
0
0
0
0
DATA
QUAL
VCS
QUAL
R11B
Status
↵
↵
↵
↵
↵
(1) Reserved register bits : must be set to 0
(2) Inactive
↵
↵
↵
↵
Table 3 : Register Specification
STV5347 - STV5347/H - STV5347/T
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com