Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348DT Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV5348DT
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348DT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV5348DT Datasheet HTML 14Page - STMicroelectronics STV5348DT Datasheet HTML 15Page - STMicroelectronics STV5348DT Datasheet HTML 16Page - STMicroelectronics STV5348DT Datasheet HTML 17Page - STMicroelectronics STV5348DT Datasheet HTML 18Page - STMicroelectronics STV5348DT Datasheet HTML 19Page - STMicroelectronics STV5348DT Datasheet HTML 20Page - STMicroelectronics STV5348DT Datasheet HTML 21Page - STMicroelectronics STV5348DT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
S
T
V
5
3
4
8
+5V
25
2
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
26
27
28
SL
MA
+5V
3
0.1
m F
0.1
m F
C1*
C2*
TV
VCR
CVBS
MA/SL
VDDA
POL
STTV/LFB
FFB
VSSD
R
G
B
RGB REF
BLAN
COR
ODD/EVEN
Y
SCL
SDA
VCR/TV
XTO
XTI
TEST
CBLK
V
V
SSA
SSO
VDDD
+5V
10nF
+5V
1
1
m F
13.875MHz
47k
W **
+5V
0.1
m F
+5V
1
m F
* Value according to used crystal, C1 = C2 = 2 * CLOAD
Example : C1 = C2 = 56pF, CLOAD = 30pF.
** Depending on application. Please refer to our video application lab.
Remark : all the power supply inputs must be switched on at the same time (connected to the same source).
APPLICATION DIAGRAM
I/O PIN ELECTRICAL SCHEMATICS (continued)
16
450
W
V
DDD
V
SSD
SCL
Figure 16 : PSCL
17
450
W
V
DDD
V
SSD
SDA
Figure 17 : PSDA
STV5348 - STV5348/H - STV5348/T
20/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com