Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N0308CF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H7N0308CF
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0308CF Datasheet(HTML) 1 Page - Renesas Technology Corp

  H7N0308CF Datasheet HTML 1Page - Renesas Technology Corp H7N0308CF Datasheet HTML 2Page - Renesas Technology Corp H7N0308CF Datasheet HTML 3Page - Renesas Technology Corp H7N0308CF Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.3.00 Sep 07, 2005 page 1 of 3
H7N0308CF
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1123-0300
(Previous: ADE-208-1570A)
Rev.3.00
Sep 07, 2005
Features
• Low on-resistance
RDS (on) = 3.8 mΩ typ.
• Low drive current
• 4.5 V gate drive device can be driven from 5 V source
Outline
RENESAS Package code: PRSS0003AE-A
(Package name: TO-220C•FM)
1. Gate
2. Drain
3. Source
D
G
S
1 2
3


Similar Part No. - H7N0308CF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
H7N0308CF HITACHI-H7N0308CF Datasheet
89Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
H7N0308CF VBSEMI-H7N0308CF Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - H7N0308CF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com