Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D/T Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV5348D/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D/T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV5348D/T Datasheet HTML 5Page - STMicroelectronics STV5348D/T Datasheet HTML 6Page - STMicroelectronics STV5348D/T Datasheet HTML 7Page - STMicroelectronics STV5348D/T Datasheet HTML 8Page - STMicroelectronics STV5348D/T Datasheet HTML 9Page - STMicroelectronics STV5348D/T Datasheet HTML 10Page - STMicroelectronics STV5348D/T Datasheet HTML 11Page - STMicroelectronics STV5348D/T Datasheet HTML 12Page - STMicroelectronics STV5348D/T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
III - VPS DATA (see Table 2)
VPS data are stored in row 25 chapter 5 as shown
in Table 2 when VPS enable bit (D4 of R8 register)
is set. VPS data bits are decoded and stored in a
received area with biphase error bit.
8/30/2 data are stored as received (without ham-
ming decoding) in Row 23 chapter 5 according to
Table 2. .
8/30 packet and VPS data decoding is the respon-
sibility of the control software. The decoder simply
stores transmitted data.
IV - I
2C Bus Register Map (see Table 3)
Registers R0 to R10 are write only whilst R11A is
a read/write and R11B is read only.
The automatic succession on a byte by byte basis
is indicated by the arrows in Table 3.
In the normal operating mode TB should be set to
logic level 0.
After power-up the contents of the registers are as
follows : all bits in registers R0 to R11A are cleared
to zero with the exception of bits D0 and D1 in
registers R5 and R6 which are set to logical one.
After power-up all the memory bytes are preset to
hexadecimal value 20H (space) with the exception
of the byte corresponding to row 0 of column 7 of
chapter 0 which is set to the value corresponding
to "alpha white" hexadecimal value 07H.
Column
0123456
789
10
11
12
13
14
15
16
17
18
19
8/30/2 (Row 23)
D
Initial Page
b13 b14 b15 b16 b17 b18 b19 b20 b21 b22 b23 b24 b25
VPS (Row 25)
Received Page Information
B11
B12
B13
B14
B15
Column
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
8/30/2 (Row 23)
Status Display
VPS (Row 25)
B4
B5
Table 2 : PDC Data Storage in Chapter 5
D7
D6
D5
D4
D3
D2
D1
D0
X24
POSITION
FREE
RUNNING
PLL
0
DISABLE
ROLLING
HEADER
(1)
EVEN
OFF
(1)
SEL 11B
R0
Mode 0
(1)
7 + P/
8 BIT
ACQ.
ON/OFF
GHOST
ROW
ENABLE
DEW/
FULL
FIELD
TCS
ON
T1
T0
R1
Mode 1
(1)
BANK
SELECT
A2
ACQ.
CCT
A1
ACQ.
CCT
A0
TB
START
COLUMN
SC2
START
COLUMN
SC1
START
COLUMN
SC0
R2
Page request address
(1)
(1)
(1)
PRD4
PRD3
PRD2
PRD1
PRD0
R3
Page request data
(1)
(1)
(1)
(1)
(1)
A2
A1
A0
R4
Display chapter
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R5
Display control (normal)
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R6
Display control
(newsflash / subtitle)
STATUS
ROW
BTM/TOP
CURSOR
ON/OFF
CONCEAL/
REVEAL
TOP/
BOTTOM
SINGLE/
DOUBLE
HEIGHT
BOX ON
24
BOX ON
1-23
BOX ON
0
R7
Display mode
(1)
(1)
(1)
VPS
ENABLE
CLEAR
MEM.
A2
A1
A0
R8
Active chapter
(1)
(1)
(1)
R4
R3R2R1
R0
R9
Active row
(1)
(1)
C5
C4
C3
C2
C1
C0
R10
Active column
D7
(R/W)
D6
(R/W)
D5
(R/W)
D4
(R/W)
D3
(R/W)
D2
(R/W)
D1
(R/W)
D0
(R/W)
R11A
Active data
60Hz
00
00
0
DATA
QUAL
VCS
QUAL
R11B
Status
↵
↵
↵
↵
↵
(1) Reserved register bits : must be set to 0
↵
↵
↵
↵
Table 3 : Register Specification
STV5348 - STV5348/H - STV5348/T
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com