Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC294 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC294
Description  Programmable Frequency Divider/Digital Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC294 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC294 Datasheet HTML 2Page - Renesas Technology Corp HD74HC294 Datasheet HTML 3Page - Renesas Technology Corp HD74HC294 Datasheet HTML 4Page - Renesas Technology Corp HD74HC294 Datasheet HTML 5Page - Renesas Technology Corp HD74HC294 Datasheet HTML 6Page - Renesas Technology Corp HD74HC294 Datasheet HTML 7Page - Renesas Technology Corp HD74HC294 Datasheet HTML 8Page - Renesas Technology Corp HD74HC294 Datasheet HTML 9Page - Renesas Technology Corp HD74HC294 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HD74HC292 / HD74HC294
Rev.2.00 Jan 31, 2006 page 8 of 9
Waveforms
Note : 1. Input pulse : PRR
≤1MHz, duty cycle 50%, tr ≤ 6ns, tf ≤ 6ns
CLR
VCC
GND
tPLH
VOH
VOL
Q or TP
50%
trem
50%
50%
10%
90%
50%
90%
tPLH
tPHL
tPHL
VCC
GND
CLK
50%
90%
10%
90%
50%
10%
50%
10%
50%
50%
6ns
50%
90%
10%
6ns
90%
10%
90%
10%
10%
6ns
6ns
90%
10%
tTLH
tTLH
tTHL
tTHL
6ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com