Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC367P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC367P
Description  Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC367P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC367P Datasheet HTML 1Page - Renesas Technology Corp HD74HC367P Datasheet HTML 2Page - Renesas Technology Corp HD74HC367P Datasheet HTML 3Page - Renesas Technology Corp HD74HC367P Datasheet HTML 4Page - Renesas Technology Corp HD74HC367P Datasheet HTML 5Page - Renesas Technology Corp HD74HC367P Datasheet HTML 6Page - Renesas Technology Corp HD74HC367P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC367
Rev.2.00 Jan 31, 2006 page 4 of 6
Test Circuit
VCC
OPEN
GND
C =
50 pF
G1, G2
Zout = 50
Ω
1 k
Ω
VCC
VCC
VCC
S1
L
Pulse Generator
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1A to 6A
1Y to 6Y
Note : 1. CL includes probe and jig capacitance.
Input
Output
Waveforms
tPLH
tPHL
VOH
VOL
0 V
VCC
50 %
50 %
50 %
50 %
50 %
50 %
Input A
Output Y
10 %
90 %
tr
tf
10 %
90 %
90 %
10 %
tZL
tLZ
tZH
tHZ
VOH
VOL
Waveform - A
Input
G
Waveform - B
GND
VCC
VOL
VOH
50 %
tf
10 %
90 %
50 %
tr
10 %
90 %
• Waveform – 1
• Waveform – 2
10 %
90 %
10 %
90 %
tTHL
tTLH
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform– A is for an output with internal conditions such that the
output is low except when disabled by the output control.
3. Waveform– B is for an output with internal conditions such that the
output is high except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com