Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV7617
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV7617 Datasheet HTML 4Page - STMicroelectronics STV7617 Datasheet HTML 5Page - STMicroelectronics STV7617 Datasheet HTML 6Page - STMicroelectronics STV7617 Datasheet HTML 7Page - STMicroelectronics STV7617 Datasheet HTML 8Page - STMicroelectronics STV7617 Datasheet HTML 9Page - STMicroelectronics STV7617 Datasheet HTML 10Page - STMicroelectronics STV7617 Datasheet HTML 11Page - STMicroelectronics STV7617 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STV7617, STV7617D, STV7617U
8/17
ABSOLUTE MAXIMUM RATINGS
* In case of STV7617D
THERMAL DATA
Note 1 For TQF P100 packaging and slug soldered on printed circuit board.
Note 2 Through one power output.
Note 3 Through all power outputs (see test diagram): with Power dissipation lower or equal than Ptot and Junction tem-
perature lower or
equal than Tjmax and VPP = VSSP.
Note 4 These parameters are measured during ST’s internal qualification which includes temperature characterisation
on standard
batches and on corners batches of the process. These parameters are not tested on the parts.
Note 5 TQFP soldered on 4 layers Printed Circuit Board.
Symbol
Parameter
Value
Unit
VCC
Logic Supply (Pin 88)*
-0.3, +7
V
OUTi
Output Pins (1 to 28, 36 to 40, 48 to 77, 99, 100)
-0.3, +100
V
VIN
Logic Input Voltage (Pins 84, 86, 87, 89, 90, 91, 92)*
-0.3, VCC +0.3
V
V
OUT
Logic Output Voltage (Pin 85)*
-0.3, VCC + 0.3
V
VPOUT
Driver Output Voltage (scanning mode)
-0.3, +100
V
IPOUT
Driver Output Current (1) (4)
-100, +1 A
mA
IDOUT
Diode Output Current (3) (4)
±700
mA
Tjmax
Junction Temperature
+150
°C
T
oper
Operating Temperature
-20, +85
°C
Tstg
Storage Temperature
-20, +150
°C
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance (1)
20
°C/W
Tjoper
Maximum Operating Junction (1)
125
°C
Rth(j-a)
Junction-ambient Thermal Resistance (5)
40
°C/W
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com