Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT30VM-8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CT30VM-8
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT30VM-8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CT30VM-8 Datasheet HTML 1Page - Renesas Technology Corp CT30VM-8 Datasheet HTML 2Page - Renesas Technology Corp CT30VM-8 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feb.1999
V
µA
µA
V
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30VM-8
STROBE FLASHER USE
¡VCES ................................................................................ 400V
¡ICM ....................................................................................180A
CT30VM-8
450
—
—
—
—
—
—
—
—
10
±0.1
7.0
IC = 1mA, VGE = 0V
VCE = 400V, VGE = 0V
VGE =
±40V, VCE = 0V
VCE = 10V, IC = 1mA
V(BR)CES
ICES
IGES
VGE(th)
400
±30
±40
180
–40 ~ +150
–40 ~ +150
V
V
V
A
°C
°C
VCES
VGES
VGEM
ICM
Tj
Tstg
10.5MAX.
2.5
2.5
1
0.5
qw
r
e
0.5
1.3
q GATE
w COLLECTOR
e EMITTER
r COLLECTOR
wr
q
e
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Strobe Flasher.
VGE = 0V
VCE = 0V, See notice 4
VCE = 0V, tw = 0.5s
See figure 1
Parameter
Conditions
Symbol
Ratings
Unit
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current (Pulsed)
Junction temperature
Storage temperature
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
MAXIMUM RATINGS (Tc = 25
°C)
Collector-emitter breakdown voltage
Collector-emitter leakage current
Gate-emitter leakage current
Gate-emitter threshold voltage
TO-220C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com