Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617U Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV7617U
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617U Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV7617U Datasheet HTML 9Page - STMicroelectronics STV7617U Datasheet HTML 10Page - STMicroelectronics STV7617U Datasheet HTML 11Page - STMicroelectronics STV7617U Datasheet HTML 12Page - STMicroelectronics STV7617U Datasheet HTML 13Page - STMicroelectronics STV7617U Datasheet HTML 14Page - STMicroelectronics STV7617U Datasheet HTML 15Page - STMicroelectronics STV7617U Datasheet HTML 16Page - STMicroelectronics STV7617U Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
STV7617, STV7617D, STV7617U
14/17
PACKAGE MECHANICAL DATA (SLUG-DOWN)
100 PINS - THIN PLASTIC QUAD FLAT PACK (TQFP)
76
100
50
D3
e
26
1
25
75
51
S1
c
A1
A2
A
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,075 mm
0.03 inch
SEATING PLANE
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.004
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
e
0.50
0.20
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K0
° (Min.), 7° (Max.)
Slug Dimension For L/Frame Pad Size 10.00 x 10.00 mm
H
9.85
0.388
S
8.80
0.346
S1
8.80
0.346
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com