Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV7801S
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV7801S Datasheet HTML 9Page - STMicroelectronics STV7801S Datasheet HTML 10Page - STMicroelectronics STV7801S Datasheet HTML 11Page - STMicroelectronics STV7801S Datasheet HTML 12Page - STMicroelectronics STV7801S Datasheet HTML 13Page - STMicroelectronics STV7801S Datasheet HTML 14Page - STMicroelectronics STV7801S Datasheet HTML 15Page - STMicroelectronics STV7801S Datasheet HTML 16Page - STMicroelectronics STV7801S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STV7801S
13/18
15 - RESULTS OF POWER EFFICIENCY
15.1 Power recovery factor for different inductance values
Figure 5. STV7801- Power Recovery Factor, L=1.1
µH, T=3.3µs, BYW80-200 diodes
Figure 6. STV7801- Power Recovery Factor. L=0.66
µH, T=3.3µs, BYW80-200 diodes
30
40
50
60
70
80
90
100
110
VPP (in V)
70
75
80
85
90
Cload=4.7nF, Trise=220ns
Cload=9.4nF, Trise=310ns
Cload=14.1nF, Trise=380ns
Cload=18.8nF, Trise=430ns
Cload=23.5nF, Trise=480ns
30
40
50
60
70
80
90
100
110
VPP (in V)
70
75
80
85
Cload=4.7nF, Trise=170ns
Cload=9.4nF, Trise=245ns
Cload=14.1nF, Trise=290ns
Cload=18.8nF, Trise=340ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com