Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8203 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV8203
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203 Datasheet(HTML) 3 Page - STMicroelectronics

  STV8203 Datasheet HTML 1Page - STMicroelectronics STV8203 Datasheet HTML 2Page - STMicroelectronics STV8203 Datasheet HTML 3Page - STMicroelectronics STV8203 Datasheet HTML 4Page - STMicroelectronics STV8203 Datasheet HTML 5Page - STMicroelectronics STV8203 Datasheet HTML 6Page - STMicroelectronics STV8203 Datasheet HTML 7Page - STMicroelectronics STV8203 Datasheet HTML 8Page - STMicroelectronics STV8203 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PIN LIST
Pin Number
Name
Type
Function
SDIP42
TQFP44
1
7
CAP5
Analog
Decoupling for ADC Supply Regulator Output
2
8
SIF1
Analog
Subcarrier 1 Input
3
9
CAP6
Analog
Decoupling for Input Amplifier Reference
4
10
SIF2
Analog
Subcarrier 2 Input
5
11
GND3
Power
Ground for Input Amplifier
6
12
MOUT
Analog
Mono Audio Output
7
13
MIN
Analog
Mono Audio Input
8
14
CAP8
Analog
ADC Vtop Decoupling
9
15
LIL1
Analog
Line 1 Left Input (SCART 1)
10
16
LIR1
Analog
Line 1 Right Input (SCART 1)
11
17
GND4
Power
Audio Ground
12
18
LIL2
Analog
Line 2 Left Input (SCART 2)
13
19
LIR2
Analog
Line 2 Right Input (SCART 2)
14
20
CAP2
Analog
Decoupling for Audio Matrix
15
21
CAP1
Analog
Decoupling for Bandgap Reference
16
22
AOL1
Analog
Line 1 Left Output (SCART 1)
17
23
AOR1
Analog
Line 1 Right Output (SCART 1)
18
24
CAP4
Analog
Audio Matrix VDD (5V)
19
25
AOL2
Analog
Line 2 Left Output (SCART 2)
20
26
AOR2
Analog
Line 2 Right Output (SCART 2)
-
27
NC
-
Not Connected
21
28
AVCC
Power
Audio Matrix Supply
22
29
CAP7
Analog
Decoupling for Digital Regulator Output
23
30
RESET
Input
Power On Reset
24
31
NC
-
Not Connected
25
32
NC
-
Not Connected
26
33
NC
-
Not Connected
27
34
NC
-
Not Connected
28
35
NC
-
Not Connected
29
36
NC
-
Not Connected
30
37
NC
-
Not Connected
31
38
NC
-
Not Connected
32
39
GND1
Power
Digital Ground
33
40
XOUT
Analog
Crystal Oscillator Output
34
41
XIN
Analog
Crystal Oscillator Input
35
42
Not used
Input
To be connected to ground
36
43
SDA
Bi-directional
I
2C Serial Data
37
44
SCL
Input
I
2C Serial Clock
-
1
NC
-
Not Connected
38
2
NC
-
Not Connected
39
3
CAP3
Analog
Decoupling for Digital 3V (regulator output)
40
4
REG
Analog
Base Drive for External Regulator Transistor
41
5
DVDD5
Power
5V Supply
42
6
GND2
Power
Digital Ground
STV8203
3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com