Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8223B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV8223B
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8223B Datasheet(HTML) 3 Page - STMicroelectronics

  STV8223B Datasheet HTML 1Page - STMicroelectronics STV8223B Datasheet HTML 2Page - STMicroelectronics STV8223B Datasheet HTML 3Page - STMicroelectronics STV8223B Datasheet HTML 4Page - STMicroelectronics STV8223B Datasheet HTML 5Page - STMicroelectronics STV8223B Datasheet HTML 6Page - STMicroelectronics STV8223B Datasheet HTML 7Page - STMicroelectronics STV8223B Datasheet HTML 8Page - STMicroelectronics STV8223B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(Tamb =25
°C, VCC = 9V, IF input = 10mVRMS sync level at B/G,
Video modulation DSB, D = 90% at B/G, fPC = 38.9MHz, fSC = 33.4MHz,
Video BW = 5MHz, Sound carrier input : 5.5MHz, 10mVRMS,fM = 1kHz, Audio BW = 20kHz,
∆f= ±50kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Supply Voltage
8
9
12.6
V
ICC
Supply Current
I17,VCC =9V
70
95
mA
IF AMPLIFIER
V19-20
Input Sensitivity (RMS)
-3dB Video at Output
70
µVRMS
R19-20
Differential Input Resistance
2
k
Ω
C19-20
Differential Input Capacitance
2
pF
Gr
Gain Control Range
68
dB
Max Input Signal
+1dB Video at Output
180
mVRMS
SYNCHRONOUS VIDEO DEMODULATOR
DFPC
Vision Carrier Capture
-1.4
1.6
MHz
AFC
S2
AFC Slope
See Figure 21
0.2
µA/kHz
DEMODULATED VIDEO OUTPUT (Pin 3)
VA3
Amplitude
Top Sync to White
2
2.3
2.6
VPP
BG vs L
Amplitude Difference
10
%
VS3
Top Sync Level
B/G
1.6
1.9
2.2
V
Zero Carrier Level
B/G
4.4
V
BW
Bandwidth
-3dB Video Signal
7
9
MHz
Dg
Differential Gain
6
8
%
Dp
Differential Phase
3
6
Degree
Vr3c
Residual Carrier Signal (RMS Value)
1
10
mV
Vr3h
Residual 2nd Harmonic (RMS Value)
1
10
mV
I3
Internal Bias of Emitter Follower
3
5
mA
S/N
Signal to Noise Ratio
Note 1 - Weighted CCIR-567
56
61
dB
Intermodulation 1.07MHz
Note 2
52
dB
VWTH
White Noise Threshold Voltage
4.85
V
VWIL
White Noise Insertion Level
3.6
V
VBTH
Black Noise Threshold Voltage
1.3
V
VBIL
Black Noise Insertion Level
2.5
V
AGC CIRCUIT
I22CBG
Charging Current
550
950
1300
µA
I22DBG
Discharge Current
12
20
28
µA
C/D
Charging/Discharging Ratio
45
TUNER AGC
I23
Maximum Sinked Current
1.5
2
2.5
mA
S23
Current Slope
R24 =5k
Ω
100
170
230
µA/dB
I23+
Maximum Tuner Plus Sinked Current
Note 3
40
mA
Notes : 1.
S
N
= 20 log 10
Vout black white
VN
(mVRMS)
at BW = 5MHz
2. Video carrier relative level = 0dB, Chroma subcarrier level = -3.2dB, Sound carrier relative level = -20dB. AGC voltage (Pin 22)
is adjusted to get 1VPP signal on output (Pin 3).
3. Additional sinked current for large increasing steps of input signal when :
- Voltage Pin 22 > starting point defined Pin 24.
- Output signal (Pin 3) saturated (V3 < V BTH in BG mode).
STV8223B
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com