Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8224B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV8224B
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8224B Datasheet(HTML) 2 Page - STMicroelectronics

  STV8224B Datasheet HTML 1Page - STMicroelectronics STV8224B Datasheet HTML 2Page - STMicroelectronics STV8224B Datasheet HTML 3Page - STMicroelectronics STV8224B Datasheet HTML 4Page - STMicroelectronics STV8224B Datasheet HTML 5Page - STMicroelectronics STV8224B Datasheet HTML 6Page - STMicroelectronics STV8224B Datasheet HTML 7Page - STMicroelectronics STV8224B Datasheet HTML 8Page - STMicroelectronics STV8224B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TUNER
AGC
OUTPUT
AFC
OUTPUT
EXT
CVBS
SWITCHED
CVBS
CVBS
OUT
SWITCHED
AUDIO
STV8224B
Int/Ext
BG/L
AUDIO
OUT
EXT
AUDIO
IF INPUT
19
16
20
21
22
23
24
14 13
15
7
4
11
10
3
18
17
12
51
6
2
PIF PLL
& AFC
VID
AMP
6dB
VCC
WHITE NOISE
&
SPOT INVERT
LOGIC
INTERFACE
TUNER
AGC
AGC
DC
VOLUME
8
9
SIF
PLL
LIMITER
AUDIO
Vref
MUTE
SFE
5.5
SFE
6.5
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
13.5
V
Vx
Tuner AGC Voltage
VCC
V
Tstg
Storage Temperature
-40, +150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
75
oC/W
STV8224B
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com