Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9306 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9306
Description  BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9306 Datasheet(HTML) 3 Page - STMicroelectronics

  STV9306 Datasheet HTML 1Page - STMicroelectronics STV9306 Datasheet HTML 2Page - STMicroelectronics STV9306 Datasheet HTML 3Page - STMicroelectronics STV9306 Datasheet HTML 4Page - STMicroelectronics STV9306 Datasheet HTML 5Page - STMicroelectronics STV9306 Datasheet HTML 6Page - STMicroelectronics STV9306 Datasheet HTML 7Page - STMicroelectronics STV9306 Datasheet HTML 8Page - STMicroelectronics STV9306 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
35
V
VOUT
Flyback Peak Voltage
60
V
VI
Input Voltage at Pins 1-3-5-12-13-14-15
-0.3, VS
V
VIS
Input Voltage at Pins 2-4
10
V
E/W OUT
East/West Output
60
V
Toper
Operating Temperature
-10, +70
oC
Tstg
Storage Temperature
-55, +150
oC
Tj
Junction Temperature
+150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
Tt
Temperature for Thermal Shutdown
Min.
140
oC
STV9306
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com