Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1630S08LP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA1630S08LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S08LP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA1630S08LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 10Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 11Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 12Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 13Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 14Page - Renesas Technology Corp HA1630S08LP Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HA1630S08
REJ03D0908-0100 Rev.1.00 Feb 22, 2008
Page 13 of 14
Package Dimensions
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
1.8
0.3
0.2
0.22
0.25
0.9
0.13
0.11
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.3
0.2
0.15
2.2
1.35
2.4
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
S
y
SC-88A
0.006g
MASS[Typ.]
CMPAK-5 / CMPAK-5V
PTSP0005ZC-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
b1
c1
c
D
e
A
Qc
AA
b
xS
A
A
A2
A1
M
E
L
HE
L1
LP
A3
yS
Pattern of terminal position areas
S
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
b2
e1
I1
Q
1.0
0
1.0
0.35
0.11
2.8
1.5
2.5
0.3
0.1
0.2
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
2.95
1.6
0.95
2.8
2.15
0.3
1.4
0.1
1.3
0.5
0.26
3.1
1.8
3.0
0.7
0.5
0.6
0.05
0.05
0.55
0.85
SC-74A
0.015g
MASS[Typ.]
MPAK-5 / MPAK-5V
PLSP0005ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
MPAK-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com