Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9420 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9420
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9420 Datasheet(HTML) 2 Page - STMicroelectronics

  STV9420 Datasheet HTML 1Page - STMicroelectronics STV9420 Datasheet HTML 2Page - STMicroelectronics STV9420 Datasheet HTML 3Page - STMicroelectronics STV9420 Datasheet HTML 4Page - STMicroelectronics STV9420 Datasheet HTML 5Page - STMicroelectronics STV9420 Datasheet HTML 6Page - STMicroelectronics STV9420 Datasheet HTML 7Page - STMicroelectronics STV9420 Datasheet HTML 8Page - STMicroelectronics STV9420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PIN CONNECTIONS
PIN DESCRIPTION
Symbol
Pin Number
I/O
Description
DIP16
DIP20
PWM1
1
O
DAC1 Output
FBLK
1
2
O
Fast Blanking Output
H-SYNC
2
3
I
Horizontal Sync Input
V-SYNC
3
4
I
Vertical Sync Input
VDD
4
5
S
+5V Supply
PXCK
5
6
O
Pixel Frequency Output
CKOUT
6
7
O
Clock Output
XTALOUT
7
8
O
Crystal Output
XTALIN
8
9
I
Crystal or Clock Input
PWM4
10
O
DAC4 Output
PWM2
11
O
DAC2 Output
SCL
9
12
I
Serial Clock
SDA
10
13
I/O
Serial Input/output Data
RESET
11
14
I
Reset Input
GND
12
15
S
Ground
R
13
16
O
Red Output
G
14
17
O
Green Output
B
15
18
O
Blue Output
TEST
16
19
I
Reserved (grounded in Normal Operation)
PWM3
20
O
DAC3 Output
1
2
3
4
5
6
7
8
16
TEST
B
G
R
GND
RESET
SDA
SCL
FBLK
H-SYNC
V-SYNC
VDD
PXCK
CKOUT
XTALOUT
XTALIN
15
14
13
12
11
10
9
DIP16
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWM3
TEST
B
G
R
GND
RESET
SDA
SCL
PWM2
PWM1
FBLK
H-SYNC
V-SYNC
VDD
PXCK
CKOUT
XTALOUT
XTALIN
PWM4
DIP20
STV9420 - STV9421
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com