Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2020R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2020R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2020R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2020R Datasheet HTML 1Page - Renesas Technology Corp HAT2020R Datasheet HTML 2Page - Renesas Technology Corp HAT2020R Datasheet HTML 3Page - Renesas Technology Corp HAT2020R Datasheet HTML 4Page - Renesas Technology Corp HAT2020R Datasheet HTML 5Page - Renesas Technology Corp HAT2020R Datasheet HTML 6Page - Renesas Technology Corp HAT2020R Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT2020R
Rev.12.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
8
A
Drain peak current
ID (pulse)
Note 1
64
A
Body-drain diode reverse drain current
IDR
8
A
Channel dissipation
Pch
Note 2
2.5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
10
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
1.0
—
2.0
V
VDS = 10 V, ID = 1 mA
RDS (on)
—
0.020
0.028
Ω
ID = 4 A, VGS = 10 V
Note 3
Static drain to source on state resistance
RDS (on)
—
0.030
0.050
Ω
ID = 4 A, VGS = 4 V
Note 3
Forward transfer admittance
|yfs|
7
11
—
S
ID = 4 A, VDS = 10 V
Note 3
Input capacitance
Ciss
—
780
—
pF
Output capacitance
Coss
—
560
—
pF
Reverse transfer capacitance
Crss
—
240
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
35
—
ns
Rise time
tr
—
240
—
ns
Turn-off delay time
td (off)
—
50
—
ns
Fall time
tf
—
100
—
ns
VGS = 4 V, ID = 4 A,
VDD
≅ 10 V
Body-drain diode forward voltage
VDF
—
0.8
1.3
V
IF = 8 A, VGS = 0
Note 3
Body-drain diode reverse recovery time
trr
—
55
—
ns
IF = 8 A, VGS = 0
diF/dt = 20 A/
µs
Note:
3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com