Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16114FPJ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16114FPJ
Description  Switching Regulator for Chopper Type DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16114FPJ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16114FPJ Datasheet HTML 17Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 18Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 19Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 20Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 21Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 22Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 23Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 24Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
Rev.2.0, Sep.18.2003, page 21 of 37
Electrical Characteristics
(Ta = 25°C, V
IN = 12 V, fOSC = 100 kHz)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
Output voltage
Vref
2.45
2.50
2.55
V
I
O = 1 mA
Line regulation
Line
—
2
60
mV
4.5 V
≤ V
IN ≤ 40V
1
Load regulation
Load
—
30
60
mV
0
≤ I
O ≤ 10 mA
Short-circuit output
current
I
OS
10
24
—
mA
Vref = 0 V
Vref overvoltage
protection threshold
Vrovp
6.2
6.8
7.4
V
Temperature stability
of output voltage
∆Vref/∆Ta
—
100
—
ppm/°C
Voltage
reference
section
Vref adjustment
voltage
V
ADJ
1.225
1.25
1.275
V
Maximum frequency
fmax
600
—
—
kHz
Minimum frequency
fmin
—
—
1
Hz
Frequency stability
with input voltage
∆f/f
01
—
±1
±3
%
4.5 V
≤ V
IN ≤ 40 V
(f
01 = (fmax + fmin)/2)
Frequency stability
with temperature
∆f/f
02
—
±5
—
%
–20°C
≤ Ta ≤ 85°C
(f
02 = (fmax + fmin)/2)
Sawtooth
oscillator
section
Oscillator frequency
f
OSC
90
100
110
kHz
R
T = 10 kΩ
C
T = 1300 pF
Low level threshold
voltage
V
TL
0.9
1.0
1.1
V
Output duty cycle:
0% on
High level threshold
voltage
V
TH
1.5
1.6
1.7
V
Output duty cycle:
100% on
Threshold difference
∆V
TH
0.5
0.6
0.7
V
∆V
TH = VTH – VTL
Dead-band
adjustment
section
Output source current
Isource
170
250
330
µA
DB pin: 0 V
Low level threshold
voltage
V
TL
0.9
1.0
1.1
V
Output duty cycle:
0% on
High level threshold
voltage
V
TH
1.5
1.6
1.7
V
Output duty cycle:
100% on
PWM
comparator
section
Threshold difference
∆V
TH
0.5
0.6
0.7
V
∆V
TH = VTH – VTL
Note:
1. Resistors connected to ON/
OFF pin:
TM pin
ON/
OFF pin
V
pin
IN
12
13
10
390 k
Ω
2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com