Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410D Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV9410D
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV9410D Datasheet HTML 13Page - STMicroelectronics STV9410D Datasheet HTML 14Page - STMicroelectronics STV9410D Datasheet HTML 15Page - STMicroelectronics STV9410D Datasheet HTML 16Page - STMicroelectronics STV9410D Datasheet HTML 17Page - STMicroelectronics STV9410D Datasheet HTML 18Page - STMicroelectronics STV9410D Datasheet HTML 19Page - STMicroelectronics STV9410D Datasheet HTML 20Page - STMicroelectronics STV9410D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADDR REGISTER
REAL ADDRESS
PROG VALUE
-
P12 P11 P10
P9
P8
P7
P6
-
G12 G11 G10
-
A12 A11
A10
2FF9
2FF8
Used for RAM character sets
01
00
000
0000
000
0
(0800h)
20
--
REAL ADDRESS
PROG VALUE
0
1
0
0000
000
0
(15C0h)
57
--
REAL ADDRESS
PROG VALUE
01
0
0
0
0000
000
0
(0A40h)
29
--
11
1
1
11
64 bytes blocks
Figure 12 : ADDR Register and Descriptor List Address
3.3 DISPLAY REGISTER (DISP)
Internal address : 2FFB-2FFAh
RESET value :00-00 h
(@ = RESET default configuration)
2FFB IMG GMG RMG BMG
-
-
-
HIC
@
0
0
0
0
00
00
2FFA
FLE CCE
IN1
IN0
BR3 BR2 BR1 BR0
@
0
0
0
0
00
00
IMG,
GMG,
RMG,
BMG
: M argin v alue of I , G , R, B out put s and
background color and insertion default attribute
of next alphanumeric character. In case of
graphic characters only I is default attribute.
HIC
: Forces alphanumeric characters background
black (R, G, B = 0), and foreground white (R, G,
B = 1) for maximum contrast, 0 = disable @
FLE
: Flashing enable, 0 = disable @
CCE
: Conceal enable, 0 = disable @
IN1,IN0 : Insertion attribute mode selection. Mode
selects value of I output during active area of
scan line in CRT mode; I output value (during
margin) is programmed with DISP register;
during uniform strip I output value is set
according to strip descriptor.
During active time slot :
0 0 : I output gets value of current code I
attribute (margin attribute or control
character attribute ) @
0 1 : I is set (”1”)
1 0 : I output gets value of current code I
attribute if I=0 R,G,B are reset to ”0”
0 1 : Reserved mode
BR(3:0) :
This value is combined with pixel value to drive
Y DAC in CRT mode :
Y= 4xG + 2xR + B + BR(2:0) + 3x(R or G or B)
(logical or)
R, G, B, I, Y, = 0 during line flyback.
Black level is output with R, G, B = ”0”.
White level is output with R, G, B = ”1”.
During frame flyback, R, G, B, I, Y provides signal
according to uniform strip descriptor FFB bit state
(see chapter 4.2.1)
During LCD mode BR(3:0) drives continuously Y
DAC. Notice that only bit 0 to 2 of BR are used in
CRT mode.
3.4. CURSOR REGISTER (CURS)
Internal address : 2FFD-2FFC h
RESET value : 00-00 h
(@= RESET default configuration)
2FFD
CEN CBL CUL
-
C12 C11 C10
C9
@
0000
00
00
2FFC
C8
C7
C6
C5
C4
C3
C2
C1
@
0000
00
00
CEN
:
Cursor enable, 0 = disable @
CBL
:
0 cursor blinking off, character blinking
attribute unchanged @
1 cursor blinking on, blinking is mixed with
character blinking attribute. Blinking frequency
is around 1Hz and duty cycle 50%
CUL
:
0 character underline attribut is complemented
on cursor position @
1 character color is complemented on cursor
position
C(12:1) :
Cursor address (not a screen position)
STV9410
17/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com