Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9424 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9424
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9424 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9424 Datasheet HTML 6Page - STMicroelectronics STV9424 Datasheet HTML 7Page - STMicroelectronics STV9424 Datasheet HTML 8Page - STMicroelectronics STV9424 Datasheet HTML 9Page - STMicroelectronics STV9424 Datasheet HTML 10Page - STMicroelectronics STV9424 Datasheet HTML 11Page - STMicroelectronics STV9424 Datasheet HTML 12Page - STMicroelectronics STV9424 Datasheet HTML 13Page - STMicroelectronics STV9424 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
After the falling edge on V-SYNC, the first strip
descriptor is read at the top of the current table of
descriptors at the address given by P[9:0] (see
DISPLAY CONTROL register).
If it is a spacing strip, SL[7:0] black or transparent
scan lines are displayed.
If it is a character strip, during CH[5:0] x (I + ZY)
scan lines (CH[5:0] given by the CHARACTER
HEIGHT register), the character codes are read at
the addresses starting from the 1
st one given by the
descriptor until a end of line character or the end of
the scan line.
The next descriptor is then read and the same proc-
ess is repeated until the next falling edgeon V-SYNC.
CSD FBK FL[1:0]
P8
P7
P8
DISPLAY CONTROL Register
TABLE OF THE
DESCRIPTORS
2nd CHARACTER
STRIP CODES
OTHER
TABLE OF
DESCRIPTORS
OTHER
(UDC for example)
1st CHARACTER
STRIP CODES
3rd CHARACTER
SRTIP CODES
OTHER
(CODES OR
DESCRIPTORS)
SPACING
ROW1
ROW2
SPACING
ROW3
SPACING
RAM CODE
AND DESCRIPTORS
V-SYNC
TOP SPACING STRIP
1st CHARACTER STRIP
2nd CHARACTER STRIP
3rd CHARACTER STRIP
SPACING STRIP
|
BOTTOM SPACING STRIP
SCREEN
Figure 7 : Relation between Screen/Address Page/Character Code in RAM
Slice 18 of the character n
°2
only for vertical shadowing
(not displayed).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
123
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
456
36 Pixels (= 3 Characters)
Character Number
Character Number
ON THE SCREEN
(example for Character n
°5)
IN THE RAM
Slice 0
Slice 1
Slice 2
Slice 3
Slice 4
Slice 5
Slice 6
Slice 7
Slice 8
Slice 9
Slice 10
Slice 11
Slice 12
Slice 13
Slice 14
Slice 15
Slice 16
Slice 17
Slice 18
: 0x01
: 0x00
: 0x08
: 0x0c
: 0x0e
: 0x0f
: 0x0f
: 0x0f
: 0x0f
: 0x0e
: 0x0c
: 0x00
: 0x00
: 0x00
: 0x00
: 0x00
: 0x00
: 0x00
: 0x00
0xff =
0xff
0x7f
0x3f
0x1f
0x1f
0x1f
0x1e
0x1e
0x3c
0x3c
0x78
0x78
0xf1
0x00
0x00
0x00
0x00
0x00
Odd
Address
Even
Address
Figure 8 : User Definable Character
STV9422 - STV9424
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com