Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9427 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9427
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9427 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9427 Datasheet HTML 12Page - STMicroelectronics STV9427 Datasheet HTML 13Page - STMicroelectronics STV9427 Datasheet HTML 14Page - STMicroelectronics STV9427 Datasheet HTML 15Page - STMicroelectronics STV9427 Datasheet HTML 16Page - STMicroelectronics STV9427 Datasheet HTML 17Page - STMicroelectronics STV9427 Datasheet HTML 18Page - STMicroelectronics STV9427 Datasheet HTML 19Page - STMicroelectronics STV9427 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
FILTRE
%N
FXTAL
VCO
N . FXTAL
Figure 11 : Analogic PLL
ALGO
%M
FH-SYNC
%D
M . FH-SYNC
err(n)
D(n)
N . FXTAL
Figure 12 : Digital PLL
FUNCTIONAL DESCRIPTION (continued)
VI - PLL
The PLL function of the STV9427/28/29 provides
the internal pixel clock locked on the horizontal
synchro signal and used by the display processor
to generate the R, G, B and fast blancking signals.
It is made of 2 PLLs. The first one analogic (see
Figure 11), provides a high frequency signal locked
on the crystal frequency. The frequency multiplier
is given by :
N = 2
⋅ (FM[3:0] + 3)
Where FM[3:0] is the value of the FREQUENCY
MULTIPLIER register.
The second PLL, full digital (see Figure 12), pro-
vides a pixel frequency locked on the horizontal
synchro signal. The ratio between the frequencies
of these 2 signals is :
M = 12 x (LD[6:1] x 2 + 1)
Where LD[6:1] is the value of the LINE DURATION
register.
VI.1 - Programming of the PLL Registers
Frequency Multiplier (@3FF8)
This register gives the ratio between the crystal
frequency and the high frequency of the signal
used by the 2
nd PLL to provide, by division, the pixel
clock. The value of this high frequency must be
near to 200MHz (for example if the crystal is a
8MHz, the value of FM must be equal to 10) and
greater than 2.5 x (pixel frequency). The frequency
of VCO must stand within limits given below :
Fpxlmin x 16
≥ FVCO ≥ Fpxlmax x 2.5
Initial Pixel Period (@3FF7)
This register allows to increase the speed of the
convergence of the PLL when the horizontal fre-
quency changes (new graphic standart). The rela-
tionship between FM[3:0], PP[7:0], LD[6:1], fHSYNC
and fXTAL is :
PP[7:0]
= round
8
⋅
2
⋅ (FM[3:0] + 3) ⋅ FXTAL
6
⋅ (LD[6:1] ⋅ 2 + 1) ⋅ FHSYNC
− 24
Locking Condition Time Constant (@ 3FF5)
This register gives the constants AS[2:0] and
BS[2:0] used by the algo part of the PLL
(see Figure 11) to calculate, from the phase error,
err(n), the new value, D(n), of the division of the
high frequency signal to provide the pixel clock.
These two constants are used only in locking con-
dition, which is true, if the phase error is less than
a fixed value during at least, 4 scan lines. If the
phase error becomes greater than the fixed value,
the PLL is not in locking condition but in capture
process. In this case, the algo part of the PLL used
the other constants, AF[2:0] and BF[2:0], given by
the next register.
Capture Process Time Constant (@ 3FF6)
The choice between these two time constants
(locking condition or capture process) allows to
decrease the capture process time by changing the
time response of the PLL.
STV9427 - STV9428 - STV9429
16/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com