Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9429 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9429
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9429 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9429 Datasheet HTML 9Page - STMicroelectronics STV9429 Datasheet HTML 10Page - STMicroelectronics STV9429 Datasheet HTML 11Page - STMicroelectronics STV9429 Datasheet HTML 12Page - STMicroelectronics STV9429 Datasheet HTML 13Page - STMicroelectronics STV9429 Datasheet HTML 14Page - STMicroelectronics STV9429 Datasheet HTML 15Page - STMicroelectronics STV9429 Datasheet HTML 16Page - STMicroelectronics STV9429 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FUNCTIONAL DESCRIPTION (continued)
HSYNC
R, G, B
LD[6:1] = 40
DD[7:0] = 10
Nber of characters
of the row
16 780 81
6.5
Active OSD Video
Figure 7 : Hozizontal Timing
IV - Clock and Timing
The whole timing is derived from the XTI and the
horizontal SYNCHRO input frequencies. The XTI
input frequency can be an external clock, crystal
or a ceramic resonator signal thanks to XTI/XTO
pins. The value of this frequency can be chosen
between 6 and 15MHz is used by the PLL to
generate a pixel clock locked on the horizontal
synchro input signal.
IV.1 - Horizontal Timing (see Figure 7)
The number of pixel periods is given by the LINE
DURATION register and is equal to :
[LD[6:1] x 2 + 1 ] x 12.
(LD[6:1] : value of the LINE DURATION register).
This value allows to define the horizontal size of the
characters.
The horizontal left margin is given by the HORI-
ZONTAL DELAY register and is equal to :
(DD[7:0] -6 ) x 6 + 54
(DD[7:0] : value of the DISPLAY DELAY register).
This value allows to define the horizontal position
of the characters on the screen. Due to internal
logic, minimum horizontal delay is fixed at 4.5
characters (54 pixel) when DD is even and lower
or equal to 6, and it is fixed at 5 characters (60 pixel)
when DD is odd and lower or equal to 7.
IV.2 - D to A Timing (STV9427)
The D/A converters of the STV9427 are pulse width
modulator converter.
The frequency of the output signal is :
fXTAL
256
x 6
and
the duty cycle is :
Vi[7:0]
256 x 6
per cent.
After a low pass filter, the average value of the
output is :
Vi [7:0]
256 x 6
⋅ VDD
V - Display Control
A screen is composed of successive scanlines gath-
ered in several strips. Each strip is defined by a
descriptor stored in memory. A table of descriptors
allows screen composition and different tables can
be stored in memory at the page addresses
(16 possible
≠ addresses). Two types of strips are
available :
- Spacing strip : its descriptor (see II) gives the
number of black (FBK = 1 in DISPLAY CONTROL
register) or transparent (FBK = 0) lines.
- Character strip : its descriptor gives the memory
address of the character codes corresponding to
the 1
st displayed character. The characters and
attributes (see code format III) are defined by a
succession of codes stored in the RAM at ad-
dresses starting from the 1
st one given by the
descriptor. A character strip can be displayed or
not by using the DE bit of its descriptor.
After the VSYNC edge, the first strip descriptor is
read at the top of the current table of descriptors at
the address given by P[9:0] (see DISPLAY CON-
TROL register) ; if it is a spacing strip, SL[7:0] black
or transparent scan lines are displayed ; if it is a
character strip, during CH[5:0] scan lines (CH[5:0]
given by the CHARACTER HEIGHT register), the
character codes are read at the addresses starting
from the 1
st one given by the descriptor until a end
of line character or the end of the scan line ; the
next descriptor is then read and the same process
is repeated until the next edge of VSYNC.
1
128
255
V1[7:0]
TXTAL
256 . TXTAL
PWM1 Signal
0
Figure 8 : PWM Timing
STV9427 - STV9428 - STV9429
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com