Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB502C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BB502C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB502C Datasheet(HTML) 3 Page - Renesas Technology Corp

  BB502C Datasheet HTML 1Page - Renesas Technology Corp BB502C Datasheet HTML 2Page - Renesas Technology Corp BB502C Datasheet HTML 3Page - Renesas Technology Corp BB502C Datasheet HTML 4Page - Renesas Technology Corp BB502C Datasheet HTML 5Page - Renesas Technology Corp BB502C Datasheet HTML 6Page - Renesas Technology Corp BB502C Datasheet HTML 7Page - Renesas Technology Corp BB502C Datasheet HTML 8Page - Renesas Technology Corp BB502C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BB502C
Rev.6.00 Apr 27, 2006 page 3 of 10
Main Characteristics
Gate 1
Source
Drain
Gate 2
RG
A
ID
VG2
VG1
Output
Input
VAGC = 4 to 0.3 V
VDS = 5 V
RG
VGG = 5 V
BBFET
RFC
Test Circuit for Operating Items (ID(op) , |yfs|, Ciss, Coss, Crss, NF, PG)
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com