Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129FPJ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16129FPJ
Description  Single Watchdog Timer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16129FPJ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16129FPJ Datasheet HTML 15Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 16Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 17Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 18Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 19Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 20Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 21Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 22Page - Renesas Technology Corp HA16129FPJ Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
HA16129FPJ
Rev.3.00 Jun 15, 2005 page 21 of 22
Vout
VCC
5.0
4.6
4.2
3.8
5 M
10 M
Roadj Resistance (to Vout) (k
Ω)
4.4
Ta = 25
°C, V
CC = 12V, Cf = 3300pF, Rf = 180kΩ,
CR = 0.1µF, RR = 180kΩ, RT = 390kΩ,
CRES = 1500pF
4.0
4.8
500 k
Output Voltage vs.
Roadj Resistance (to Vout) Characteristics
100 k
1 M
VCC
Vout
Voadj
V
Roadj
CONT
A
CS
Vout
VCC
12 V
ICONT
5.00
5.02
4.96
4.94
4.98
4.92
40
0
20
10
30
Vout Voltage (V)
ICONT Current vs. Vout Voltage Characteristics
Vout Voltage (V)
Ta = 25
°C,
Cf = 3300pF,
Rf = 180k
Ω,
CR = 0.1µF,
RR = 180kΩ,
RT = 390kΩ,
CRES = 1500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com