Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17384HPS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA17384HPS
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17384HPS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA17384HPS Datasheet HTML 9Page - Renesas Technology Corp HA17384HPS Datasheet HTML 10Page - Renesas Technology Corp HA17384HPS Datasheet HTML 11Page - Renesas Technology Corp HA17384HPS Datasheet HTML 12Page - Renesas Technology Corp HA17384HPS Datasheet HTML 13Page - Renesas Technology Corp HA17384HPS Datasheet HTML 14Page - Renesas Technology Corp HA17384HPS Datasheet HTML 15Page - Renesas Technology Corp HA17384HPS Datasheet HTML 16Page - Renesas Technology Corp HA17384HPS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
Rev.3.00 Jun 15, 2005 page 13 of 28
VCOMP
COMP terminal
(Error output)
PWM pulse
Latch setting pulse
(Implemented in triagular
wave oscillator)
Latch setting
pulse
VCOMP
Error voltage
VCS
Current sensing
level
R
S
Q
1 V
VCS
CS terminal
2 R
R
2VF
× 1
3
−
+
CS
CS
latch
Figure 3 Operation Diagram of Current Sensing Part
Point:
Error Amplifier Output Voltage Vcomp (V)
Light load
Heavy load
1) At maximum rated load, the setting should be made to give
approximately 90% of area A below.
2) When the OVP latch is operated, the setting should be made
in area B or C.
1.0
0.8
0.6
0.4
0.2
0.0
012345678
B
A
C
1.4V
4.4V
7.5V
A : Stationary operation / PWM
(Current-mode operation)
B : Current limit operation / Max duty cycle
C : No sensitivity area / No PWM output
Figure 4 Current Sense Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com