Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08AM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR08AM
Description  MITSUBISHI SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AM Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR08AM Datasheet HTML 1Page - Renesas Technology Corp BCR08AM Datasheet HTML 2Page - Renesas Technology Corp BCR08AM Datasheet HTML 3Page - Renesas Technology Corp BCR08AM Datasheet HTML 4Page - Renesas Technology Corp BCR08AM Datasheet HTML 5Page - Renesas Technology Corp BCR08AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR <TRIAC>
BCR08AM
LOW POWER USE
PLANAR PASSIVATION TYPE
23
10–1
57 100 23 5 7 101 23 5 7 102
22 3
102
57
35 7
104
7105
103
23 5
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
101
7
5
3
2
3
2
102
7
5
3
60
100
140
–40
0
40
80
120
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
–40
0
40
80
120
160
120
80
40
140
100
60
20
0
1.0
0
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
0.8
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
0
1.4
0
0.4
0.2
0.6
0.8
1.0
1.2
100
23
3101
57
57
102 23
5 7103
3
2
101
7
5
3
2
7
5
7
5
3
3
2
10–1
VGD = 0.1V
PGM = 1W
VGM = 6V
VGT
IGM =
0.5A
PG(AV) =
0.1W
IRGT I
IRGT III
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
TYPICAL EXAMPLE
TYPICAL EXAMPLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
CONDUCTION TIME
(CYCLES AT 60Hz)
JUNCTION TO AMBIENT
JUNCTION TO CASE
GATE CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com