Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901FPK Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17901FPK
Description  Quadruple Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901FPK Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17901FPK Datasheet HTML 5Page - Renesas Technology Corp HA17901FPK Datasheet HTML 6Page - Renesas Technology Corp HA17901FPK Datasheet HTML 7Page - Renesas Technology Corp HA17901FPK Datasheet HTML 8Page - Renesas Technology Corp HA17901FPK Datasheet HTML 9Page - Renesas Technology Corp HA17901FPK Datasheet HTML 10Page - Renesas Technology Corp HA17901FPK Datasheet HTML 11Page - Renesas Technology Corp HA17901FPK Datasheet HTML 12Page - Renesas Technology Corp HA17901FPK Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HA17901 Series
Rev.1.00 Jun 15, 2005 page 9 of 12
2. Pulse Generator
The charge and discharge circuits in the circuit from figure 1 are separated by diodes in this circuit. (See figure 3.)
This allows the pulse width and the duty cycle to be set independently. Figure 4 shows the waveforms generated by
this circuit.
1M
80pF
C
VCC
VCC
VCC
Vout
1M
−
+
HA17901
1M
R2 100k
R1 1M
D2 IS2076
D1 IS2076
Figure 3 Pulse Generator
Horizontal: 5 V/div, Vertical: 20
µs/div, V
CC = 15 V
Horizontal: 2 V/div, Vertical: 20
µs/div, V
CC = 5 V
Figure 4 Operating Waveforms
3. Voltage Controlled Oscillator
In the circuit in figure 5, comparator A1 operates as an integrator, A2 operates as a comparator with hysteresis, and
A3 operates as the switch that controls the oscillator frequency. If the output Vout1 is at the low level, the A3 output
will go to the low level and the A1 inverting input will become a lower level than the A1 noninverting input. The A1
output will integrate this state and its output will increase towards the high level. When the output of the integrator
A1 exceeds the level on the comparator A2 inverting input, A2 inverts to the high level and both the output Vout1
and the A3 output go to the high level. This causes the integrator to integrate a negative state, resulting in its output
decreasing towards the low level. Then, when the A1 output level becomes lower than the level on the A2
noninverting input, the output Vout1 is once again inverted to the low level. This operation generates a square wave
on Vout1 and a triangular wave on Vout2.
VCC
−
+
VCC
+VC
VCC/2
VCC/2
VCC
VCC
A3
A1
A2
50k
Frequency
control
voltage
input
VCC = 30V
+250mV
< +V
C < +50V
700Hz
< / < 100kHz
Output 2
Output 1
10
100k
20k
5.1k
3k
VCC
3k
100k
20k
0.1
µ
HA17901
−
+
HA17901
0.01
µ
500p
HA17901
−
+
Figure 5 Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com