Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17901ARP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17901ARP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901ARP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17901ARP Datasheet HTML 5Page - Renesas Technology Corp HA17901ARP Datasheet HTML 6Page - Renesas Technology Corp HA17901ARP Datasheet HTML 7Page - Renesas Technology Corp HA17901ARP Datasheet HTML 8Page - Renesas Technology Corp HA17901ARP Datasheet HTML 9Page - Renesas Technology Corp HA17901ARP Datasheet HTML 10Page - Renesas Technology Corp HA17901ARP Datasheet HTML 11Page - Renesas Technology Corp HA17901ARP Datasheet HTML 12Page - Renesas Technology Corp HA17901ARP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 9 of 15
HA17901A Application Examples
The HA17901A houses four independent comparators in a single package, and operates over a wide voltage range at
low power from a single-voltage power supply. Since the common-mode input voltage range starts at the ground
potential, the HA17901A is particularly suited for single-voltage power supply applications. This section presents
several sample HA17901A applications.
1. Square-Wave Oscillator
The circuit shown in figure 1 has the same structure as a single-voltage power supply astable multivibrator. Figure
2 shows the waveforms generated by this circuit.
100 k
C
75 pF
VCC
VCC
4.3 k
VCC
Vout
100 k
−
+
HA17901A
100 k
R
100 k
Figure 1 Square-Wave Oscillator
(2)
Horizontal: 5 V/div, Vertical: 5
µs/div, V
CC = 15 V
(1)
Horizontal: 2 V/div, Vertical: 5
µs/div, V
CC = 5 V
Figure 2 Operating Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com