Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17902AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA17902AFP
Description  Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17902AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA17902AFP Datasheet HTML 1Page - Renesas Technology Corp HA17902AFP Datasheet HTML 2Page - Renesas Technology Corp HA17902AFP Datasheet HTML 3Page - Renesas Technology Corp HA17902AFP Datasheet HTML 4Page - Renesas Technology Corp HA17902AFP Datasheet HTML 5Page - Renesas Technology Corp HA17902AFP Datasheet HTML 6Page - Renesas Technology Corp HA17902AFP Datasheet HTML 7Page - Renesas Technology Corp HA17902AFP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HA17902A Series
Rev.2.00 Mar 10, 2006 page 3 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
32
V
Output sink current
Iosink
50
mA
Common mode input voltage
VCM
−0.3 to +VCC
V
Differential input voltage
Vin(diff)
±VCC
V
Output voltage
Vout
−0.3 to +VCC
V
DIP
625 *
2
SOP
625 *
3
Allowable power dissipation
TSSOP
PT
400 *
4
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. HA17902AP:
This is the allowable values up to Ta = 50°C. Derate by 8.3 mW/°C.
2. HA17902AFP/ARP:
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.6 mmt with 10% wiring density, value at Ta
≤ 25°C. If Ta > 25°C, derated by 6.25 mW/°C.
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.6 mmt with 30% wiring density. If Ta >
32
°C, derated by 6.70 mW/°C.
3. HA17902AT:
These are the allowable values up to Ta = 25
°C. Derate by 4 mW/°C above that temperature.
Electrical Characteristics
(VCC = +15 V, Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
2
7
mV
VCM = 7.5 V, RS = 50
Ω, Rf = 50 kΩ
Input offset current
IIO
5
50
nA
VCM = 7.5 V, IIO =
| II (–) – II (+) |
Input bias current
IIB
30
500
nA
VCM = 7.5 V
Power source rejection ratio
PSRR
93
dB
f = 100 Hz, RS = 1 k
Ω, Rj = 100 kΩ
Voltage gain
AVD
75
90
dB
RS = 1 k
Ω, Rf = 100 kΩ, RL = ∞
Common mode rejection ratio
CMR
80
dB
RS = 50
Ω, Rf = 5 kΩ
Common mode input voltage
range
VCM
−0.3
13.5
V
RS = 1 k
Ω, Rf = 100 kΩ, f = 100 Hz
Maximum output voltage
VOP-P
13.6
V
f = 100 Hz, RS = 1 k
Ω, Rf = 100 kΩ,
RL = 20 k
Ω
Output source current
Iosource
20
40
mA
VIN
+ = 1 V, V
IN
– = 0 V, V
OH = 10 V
Output sink current
Iosink
10
20
mA
VIN = 0 V, VIN = 1 V, VOL = 2.5 V
Supply current
ICC
0.8
2
mA
VIN = GND, RL =
∞
Slew rate
SR
0.19
V/
µs
f = 1.5 kHz, VCM = 7.5 V, RL =
∞
Channel separation *
1
CS
(120)
dB
f = 1 kHz
15
50
µA
VIN
+ = 0 V, V
IN
– = 1 V, V
OL = 200 mV
Output sink current
Iosink
3
9
mA
VIN
+ = 0 V, V
IN
– = 1 V, V
OL = 1 V
VOH1
13.2
13.6
V
IOH = –1 mA
Output voltage
VOH2
12.0
13.3
V
IOH = –10 mA
VOL1
0.8
1.0
V
IOL = 1 mA
Output voltage
VOL2
1.1
1.8
V
IOL = 10 mA
Note:
1. Design spec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com