Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17902FPK Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17902FPK
Description  Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17902FPK Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17902FPK Datasheet HTML 3Page - Renesas Technology Corp HA17902FPK Datasheet HTML 4Page - Renesas Technology Corp HA17902FPK Datasheet HTML 5Page - Renesas Technology Corp HA17902FPK Datasheet HTML 6Page - Renesas Technology Corp HA17902FPK Datasheet HTML 7Page - Renesas Technology Corp HA17902FPK Datasheet HTML 8Page - Renesas Technology Corp HA17902FPK Datasheet HTML 9Page - Renesas Technology Corp HA17902FPK Datasheet HTML 10Page - Renesas Technology Corp HA17902FPK Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HA17902 Series
Rev.1.00 Jun 15, 2005 page 9 of 10
3. High Input Impedance DC Differential Amplifier
The circuit shown in figure 3 is a high input impedance DC differential amplifier. This circuit’s common-mode
rejection ratio (CMR) depends on the matching between the R1/R2 and R4/R3 resistance ratios. This amplifier’s
output is given by the following formula.
Vout = 1 +
(V2 – V1)
R4
R3
+
–
+
–
R2
100k
Ω
100k
Ω
R4
R1
100k
Ω
R3
100k
Ω
Vout
V1
V2
Figure 3 High Input Impedance DC Differential Amplifier
4. Voltage Controlled Oscillator
Figure 4 shows an oscillator circuit in which the amplifier A1 is an integrator, the amplifier A2 is a comparator, and
transistor Q1 operates as a switch that controls the oscillator frequency. If the output Vout1 is at the low level, this
will cut off transistor Q1 and cause the A1 inverting input to go to a higher potential than the noninverting input.
Therefore, A1 will integrate this negative input state and its output level will decrease. When the A1 integrator
output becomes lower than the A2 comparator noninverting input level (VCC/2) the comparator output goes high.
This turns on transistor Q1 causing the integrator to integrate a positive input state and for its output to increase. This
operation generates a square wave on Vout1 and a triangular wave on Vout2.
+
–
–
+
100k
10k
51k
51k
R
100k
VCC
VCC
A2
A1
Vout1
Vout2
VCC/2 HA17902
HA17902
R/2
50k
Q1
+VC
C 0.05
µF
Figure 4 Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com