Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35072 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M35072
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35072 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M35072 Datasheet HTML 25Page - Renesas Technology Corp M35072 Datasheet HTML 26Page - Renesas Technology Corp M35072 Datasheet HTML 27Page - Renesas Technology Corp M35072 Datasheet HTML 28Page - Renesas Technology Corp M35072 Datasheet HTML 29Page - Renesas Technology Corp M35072 Datasheet HTML 30Page - Renesas Technology Corp M35072 Datasheet HTML 31Page - Renesas Technology Corp M35072 Datasheet HTML 32Page - Renesas Technology Corp M35072 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
MITSUBISHI MICROCOMPUTERS
M35072-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
NOTE FOR SUPPLYING POWER
__
(1)Timing of power supplying to AC pin
The internal circuit of M35072-XXXFP is reset when the level of
__
the auto clear input pin AC is “L”. This pin in hysteresis input with
the pull-up resistor.
__
The timing about power supplying of AC pin is shown in Figure 16.
DATA REQUIRED FOR MASK ROM ORDERING
Please send the following data for mask orders.
(1) M35072-XXXFP mask ROM order confirmation form
(2) 20P2Q-A mask specification from
(3) ROM data (EPROM 3 sets)
(4) Floppy disks containing the character font generating program
+ character data
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈0.1µF) directly between the VDD1 pin and VSS1 pin, and the VDD2
pin and VSS2 pin using a heavy wire.
Fig. 13
__
Timing of power supplying to AC pin
After supplying the power (VDD and VSS) to M35072-XXXFP and
the supply voltage becomes more than 0.8
× VDD, it needs to keep
__
VIL time; tw of the AC pin for more than 1ms.
__
Start inputting from microcomputer after AC pin supply voltage
becomes more than 0.8
× VDD and keeping 200ms wait time.
(2)Timing of power supplying to VDD1 and VDD2.
Supply power to VDD1 and VDD2 at the same time.
Note for waveform timing of the horizontal signals to the HOR pin
Set horizontal synchronous signal edge∗ waveform timing to under
5ns and input to HOR pin.
_
Set only the side which set by B/F register waveform timing under
5ns and input to HOR pin.
_
∗: Set front porch edge or back porch edge by B/F register.
Voltage [V]
VDD
0.8 x VDD
0.2 x VDD
Supply voltage
more than 1ms
tW
tS
Time t [s]
Data input disable
VAC
(AC pin input voltage)
90%
10%
tf
tr
Horizontal synchronous signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com