Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37271MF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37271MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271MF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37271MF Datasheet HTML 9Page - Renesas Technology Corp M37271MF Datasheet HTML 10Page - Renesas Technology Corp M37271MF Datasheet HTML 11Page - Renesas Technology Corp M37271MF Datasheet HTML 12Page - Renesas Technology Corp M37271MF Datasheet HTML 13Page - Renesas Technology Corp M37271MF Datasheet HTML 14Page - Renesas Technology Corp M37271MF Datasheet HTML 15Page - Renesas Technology Corp M37271MF Datasheet HTML 16Page - Renesas Technology Corp M37271MF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
12
Fig. 5. Memory map of special function register 2 (SFR2) (1)
21016
21116
21216
21316
21416
21516
21616
21716
21816
21916
21A16
21B16
21C16
21D16
21E16
21F16
20016
20116
20216
20316
20416
20516
20616
20716
20816
20916
20B16
20C16
20D16
20E16
20F16
20A16 PWM mode register 1 (PN)
Timer 5 (TM5)
Sync pulse counter register (SYC)
Data slicer control register 3 (DSC3)
PWM2 register (PWM2)
PWM6 register (PWM6)
PWM4 register (PWM4)
PWM5 register (PWM5)
PWM0 register (PWM0)
PWM1 register (PWM1)
Interrupt interval determination register (RI)
Interrupt interval determination control register (RE)
Serial I/O mode register (SM)
Serial I/O register (SIO)
Clock source control register (CS)
Extra font color register (EC)
Window H register 1 (WH1)
Window L register 1 (WH1)
Window H register 2 (WH2)
Window L register 2 (WH2)
Clock run-in detect register (CRD3)
Clock run-in register (CR3)
Timer 6 (TM6)
Border color register (FC)
b7
b0
SYC0
FC2
b7
b0
0716
?
0
0
000
0
?
0016
0
?
?
?0
0
00
?
??
?
?
?
?
?
PWM3 register (PWM3)
PWM mode register 2 (PW)
Raster color register (RC)
I/O polarity control register (PC)
?
?
?
?
?
?
?
FF16
?
0016
PW0
PW1
PW2
PW3
PW4
PW5
PW6
ENABLE
POL
SYC1
SYC2
SYC3
SYC4
SYC5
DSC30
DSC31
DSC32
DSC37
DSC35
RE0
RE1
RE2
RE3
RE4
RE5
INT3
POL
AD/INT3
SEL
RE1
RE2
RE3
RE4
RE5
INT3
POL
AD/INT3
SEL
SM0
RE1
RE2
RE3
SM4
RE5
INT3
POL
AD/INT3
SEL
SM1
SM2
SM3
SM5
PC0
RE1
RE2
RE3
PC4
RE5
INT3
POL
AD/INT3
SEL
PC1
PC2
PC3
PC5
PC6
PC7
RE1
RE2
RE3
RE5
INT3
POL
AD/INT3
SEL
CS0
CS4
CS1
CS2
CS3
CS5
CS6
RC0
RE1
RE2
RE3
RC4
RE5
INT3
POL
AD/INT3
SEL
RC1
RC2
RC3
RC5
RC6
RC7
RE1
RE2
RE3
RE5
INT3
POL
AD/INT3
SEL
FC0
FC1
FC3
FC4
WH20
WH21
WL20
WL21
?
?
?
0
?
?
?0
0
00
0
1
0
00
0
00
??
?
??
?
?
?
?
??
?
?
?
??
?
0
?
??
?
??
?
?
0
0
0
00
0
00
?
0016
DSC36
DSC34 DSC33
?
??
?
0
?
?
0
?
00
0
0
0
0
0
0
??
?
?
?
?
?
CRD31
CRD32
CRD33
CRD34
CRD35
0
00
0
0
0
0
0
1
: “1” immediately after reset
: Fix this bit to “0” ( do not write “1”)
: Nothing is allocated
sSFR2 area (addresses 20016 to 21F16)
Address
Register
: undefined immediately after reset
?
Bit allocation
State immediately after reset
0
: “0” immediately after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com