Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW16NA40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW16NA40
Description  N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW16NA40 Datasheet(HTML) 1 Page - STMicroelectronics

  STW16NA40 Datasheet HTML 1Page - STMicroelectronics STW16NA40 Datasheet HTML 2Page - STMicroelectronics STW16NA40 Datasheet HTML 3Page - STMicroelectronics STW16NA40 Datasheet HTML 4Page - STMicroelectronics STW16NA40 Datasheet HTML 5Page - STMicroelectronics STW16NA40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STW16NA40
STH16NA40FI
N - CHANNEL 400V - 0.21
Ω - 16A - TO-247/ISOWATT218
POWER MOS TRANSISTORS
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.21
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
CHOPPER REGULATORS, CONVERTERS,
MOTOR CONTROL, LIGHTING FOR
INDUSTRIAL AND CONSUMER
ENVIRONMENT
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STW16NA40
STH16NA40FI
VDS
Drain-source Voltage (VGS = 0)
400
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
400
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
o C
16
10
A
ID
Drain Current (continuous) at Tc = 100
oC
10
7
A
IDM(
•)
Drain Current (pulsed)
64
64
A
Ptot
Total Dissipation at Tc = 25
oC
180
70
W
Derating Factor
1.44
0.56
W/
oC
VISO
Insulation Withstand Voltage (DC)
4000
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW16NA40
STH16NA40FI
400 V
400V
< 0.3
Ω
< 0.3
Ω
16 A
10 A
October 1998
TO-247
ISOWATT218
1
2
3
1
2
3
1/6


Similar Part No. - STW16NA40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW16NA40 ISC-STW16NA40 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW16NA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW6NA80 STMICROELECTRONICS-STW6NA80 Datasheet
138Kb / 10P
N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Oct-1998
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
Oct-1998
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW9NA80 STMICROELECTRONICS-STW9NA80 Datasheet
132Kb / 10P
N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Nov-1998
logo
Intersil Corporation
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
logo
New Jersey Semi-Conduct...
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com