Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37280EKSP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37280EKSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37280EKSP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37280EKSP Datasheet HTML 5Page - Renesas Technology Corp M37280EKSP Datasheet HTML 6Page - Renesas Technology Corp M37280EKSP Datasheet HTML 7Page - Renesas Technology Corp M37280EKSP Datasheet HTML 8Page - Renesas Technology Corp M37280EKSP Datasheet HTML 9Page - Renesas Technology Corp M37280EKSP Datasheet HTML 10Page - Renesas Technology Corp M37280EKSP Datasheet HTML 11Page - Renesas Technology Corp M37280EKSP Datasheet HTML 12Page - Renesas Technology Corp M37280EKSP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 179 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37280MF–XXXSP, M37280MK–XXXSP
M37280EKSP
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
Rev. 1.0
Table 11.2 Pin Description (continued)
Note : As shown in the memory map (Figure 12.2.1), port P0 is accessed as a memory at address 00C016 of zero page. Port P0 has the port P0 direction register
(address 00C116 of zero page) which can be used to program each bit as an input (“0”) or an output (“1”). The pins programmed as “1” in the direction register
are output pins. When pins are programmed as “0,” they are input pins. When pins are programmed as output pins, the output data are written into the port
latch and then output. When data is read from the output pins, the output pin level is not read but the data of the port latch is read. This allows a previously-
output value to be read correctly even if the output “L” voltage has risen, for example, because a light emitting diode was directly driven. The input pins float,
so the values of the pins can be read. When data is written into the input pin, it is written only into the port latch, while the pin remains in the floating state.
Input/
Output
Output port P5
PWM output
OSD output
Output port P6
Input port P6
Clock input for OSD
Clock output for OSD
Sub-clock output
Sub-clock input
Input port P7
Input for data
slicer
Serial I/O data input
Analog input
HSYNC input
VSYNC input
Port P5 is a 4-bit output port. The output structure of P50, P51, P56 and P57 is N-channel
open-drain output, that of P52–P55 is CMOS output.
Pin P50 is also used as 8-bit PWM output pin PWM7. The output structure is N-channel
open-drain output.
Pins P52–P55 are also used as OSD output pins R/R1, G/G1, B/B1, OUT1 respectively. At
R, G, B output, the output structure is analog output. At R1, G1, B1 and OUT1 output, the
output structure is CMOS output.
Ports P60–P62 and P65–P67 are 6-bit output ports. The output structure is N-channel open-
drain output.
Ports P63 and P64 are 2-bit input port.
Pin P63 is also used as OSD clock input pin OSC1.
Pin P64 is also used as OSD clock output pin OSC2. The output structure is CMOS output.
Pin P64 is also used as sub-clock output pin XCOUT. The output structure is CMOS output.
Pin P63 is also used as sub-clock input pin XCIN.
Ports P70–P72 are 3-bit input port.
Pins P70, P71 are also used as data slicer input pins CVIN, VHOLD respectively. When using
data slicer, input composite video signal through a capacitor. Connect a capacitor between
VHOLD and VSS.
Pins P72 is also used as serial I/O data input pin SIN.
When using data slicer, connect a filter using of a capacitor and a resistor between HLF and
VSS.
This is an analog input pin AD6 .
This is a horizontal synchronous signal input for OSD.
This is a vertical synchronous signal input for OSD.
Pin
Name
Functions
Output
Output
Output
Output
Input
Input
Output
Output
Input
Input
Input
Input
Input
Input
Input
P70/CVIN,
P71/VHOLD,
P72/(SIN)
HLF/AD6
HSYNC
VSYNC
P60–P62,
P65–P67
P63/OSC1/
XCIN,
P64/OSC2/
XCOUT
P50/PWM7,
P51,
P52/R/R1,
P53/G/G1,
P54/B/B1,
P55/OUT1,
P56, P57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com