Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596WG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66596WG
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596WG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66596WG Datasheet HTML 17Page - Renesas Technology Corp M66596WG Datasheet HTML 18Page - Renesas Technology Corp M66596WG Datasheet HTML 19Page - Renesas Technology Corp M66596WG Datasheet HTML 20Page - Renesas Technology Corp M66596WG Datasheet HTML 21Page - Renesas Technology Corp M66596WG Datasheet HTML 22Page - Renesas Technology Corp M66596WG Datasheet HTML 23Page - Renesas Technology Corp M66596WG Datasheet HTML 24Page - Renesas Technology Corp M66596WG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 21 of 127
2.4 USB signal control
Device state control register [DVSTCTR]
<Address: 04H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WKUP RWUPE USBRST RESUME UACT
RHST
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
0
0
0
0
-
0
0
01
0
0
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-9
Nothing is placed here. These should be fixed at “0”.
8
WKUP
Wakeup output (Peripheral mode)
0: Non-output
1: Remote wakeup signal output
R/W(1) R/W(0)
2.4.1
*1),*2)
7
RWUPE
Remote wakeup enable
(Host mode)
0: Remote wakeup disabled
1: Remote wakeup enabled
R/W
R
2.4.1
*2)
,*3)
6
USBRST
USB bus reset output (Host mode)
0: Non-output
1: USB bus reset output
R/W
R
2.4.1
*3)*3
5
RESUME
Resume output (Host mode)
0: Non-output
1: Resume signal output
R/W
R/W(1)
2.4.1
*3)
4
UACT
USB Communication enable
0: Disable
1: Enable
R/W
R
2.4.1
*3)
3-2 Nothing is placed here. These should be fixed at “0”.
1-0 RHST
Reset handshake
00: Communication speed not decided
01: Reset handshake being processed
10: Full-Speed operation established
11: Hi-Speed operation established
R
W
2.4.2
<<Notes>>
*1) ”1” should never be written to the WKUP bit unless “Suspended” is set for the device state (“DVSQ = 1xx”) and
a remote wakeup from the USB host is enabled.
*2) If the WKUP or RWUPE bit is set 1,don’ t stop Internal clock supply.
*3) If the controller is in peripheral mode ,set to “RWUPE=0, USBRST=0, RESUME=0, UACT=0”.
Test mode register [TESTMODE]
<Address: 06H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
UTST
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-4 Nothing is placed here. These should be fixed at “0”.
3-0 UTST
Test mode
Please see the detailed explanation concerning
this item.
R/W
R
2.4.3
*4)
<<Note>>
*4)
The UTST bit is valid only during Hi-Speed operation. Check to make sure the “RHST=11” before using it.
H/W reset is required for after the test by UTST bit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com