Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT75AM-12 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CT75AM-12
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT75AM-12 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CT75AM-12 Datasheet HTML 1Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 2Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 3Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
CT75AM-12
600
±20
±30
75
150
300
–40 ~ +150
–40 ~ +150
9.8
V
V
V
A
A
W
°C
°C
g
¡VCES ............................................................................... 600V
¡IC ......................................................................................... 75A
¡High Speed Switching
¡Low VCE Saturation Voltage
VCES
VGES
VGEM
IC
ICM
PC
Tj
Tstg
—
OUTLINE DRAWING
Dimensions in mm
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT75AM-12
GENERAL INVERTER • UPS USE
APPLICATION
AC & DC motor controls, General purpose invert-
ers, UPS, Power supply switching, Servo controls,
etc.
TO-3PL
Conditions
Symbol
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current
Collector current (Pulsed)
Maximum power dissipation
Junction temperature
Storage temperature
Weight
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Ratings
Unit
VGE = 0V
VCE = 0V
VCE = 0V
Typical value
20MAX.
5
2
2
1
0.5
4.0
φ 3.2
5.45 5.45
3
1
2
3
4
q GATE
w COLLECTOR
e EMITTER
r COLLECTOR
wr
q
e



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com