Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW200NF03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW200NF03
Description  N-CHANNEL 30V - 0.002 ohm - 120A TO-247 ULTRA LOW ON-RESISTANCE STripFET™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW200NF03 Datasheet(HTML) 1 Page - STMicroelectronics

  STW200NF03 Datasheet HTML 1Page - STMicroelectronics STW200NF03 Datasheet HTML 2Page - STMicroelectronics STW200NF03 Datasheet HTML 3Page - STMicroelectronics STW200NF03 Datasheet HTML 4Page - STMicroelectronics STW200NF03 Datasheet HTML 5Page - STMicroelectronics STW200NF03 Datasheet HTML 6Page - STMicroelectronics STW200NF03 Datasheet HTML 7Page - STMicroelectronics STW200NF03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2002
STW200NF03
N-CHANNEL 30V - 0.002
Ω - 120A TO-247
ULTRA LOW ON-RESISTANCE STripFET™ II MOSFET
s
TYPICAL RDS(on) = 0.002 Ω
s
100% AVALANCHE TESTED
DESCRIPTION
This Power MOSFET series realized with STMicroelec-
tronics unique STripFET process has specifically been
designed to minimize input capacitance and gate charge.
It is particularly suitable in OR-ing function circuits and
synchronous rectification.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
OR-ING FUNCTION
TYPE
VDSS
RDS(on)
ID
STW200NF03
30V
<0.0028
Ω
120A
1
2
3
TO-247
ABSOLUTE MAXIMUM RATINGS
(
••) Pulse width limited by safe operating area.
(
•)Current limited by package
(1) ISD ≤120A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 60 A, VDD= 15V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID(•)
Drain Current (continuous) at TC = 25°C
120
A
ID
Drain Current (continuous) at TC = 100°C
120
A
IDM(••)
Drain Current (pulsed)
480
A
Ptot
Total Dissipation at TC = 25°C
350
W
Derating Factor
2.33
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
1.5
V/ns
EAS (2)
Single Pulse Avalanche Energy
4
J
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW200NF03

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW200NF03 ISC-STW200NF03 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
N-CHANNEL 55V - 0.005 ohm -120A D²PAK/TO-220/TO-247 STripFET™ II POWER MOSFET
October 2002
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
STP210NF02 STMICROELECTRONICS-STP210NF02 Datasheet
609Kb / 14P
N-CHANNEL 20V - 0.0026 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
STW240NF55 STMICROELECTRONICS-STW240NF55 Datasheet
265Kb / 8P
N-CHANNEL 55V - 0.0027 ??- 120A TO-247 STripFET??II POWER MOSFET
May-2004
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
May-2003
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
02-Oct-2006
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com