Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3T-28DP-WT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M3T-28DP-WT
Description  Converter for Connecting Emulator Probe to RSS Type Emulator MCU(for PC4701 system/option)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3T-28DP-WT Datasheet(HTML) 1 Page - Renesas Technology Corp

  M3T-28DP-WT Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
M3T-28DP-WT
Converter for Connecting Emulator Probe to RSS Type Emulator MCU
(for PC4701 system/option)
Function
The M3T-28DP-WT is a converter for connecting the
emulation pod for PC4701 to the RSS type emulator MCU
(M3XXXXRSS, M3XXXXERSS, and M3XXXXRLSS).
Application
Use the M3T-28DP-WT to connect the 30-pin narrow-pitch
probe of emulation pod to the M3T-28DP-WT's connector.
Insert it into an RSS type emulator MCU.
Since the M3T-28DP-WT has two connectors mounted on its
board, you can connect the emulation pod probe to the target
without worrying about the target MCU's up and down
directions.
The M3T-28DP-WT is an optional product of the emulation
pod for PC4701 system.
Dimensions
35.0(D)×18.0(W)×14.0(H)mm
* PC4701 is a generic name representing the PC4701U, PC4701M,
PC4701HS, PC4701L, PC4700H and PC4700L. Production of the
PC4701M, PC4701HS, PC4701L, PC4700H and PC4700L has been
discontinued.
[Ordering Information] See Appendix H "Ordering Information".


Similar Part No. - M3T-28DP-WT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-28DP-WS RENESAS-M3T-28DP-WS Datasheet
212Kb / 1P
Converter for Connecting Emulator Probe to RSS Type Emulator MCU(for PC4701 system)
More results

Similar Description - M3T-28DP-WT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-28DP-WS RENESAS-M3T-28DP-WS Datasheet
212Kb / 1P
Converter for Connecting Emulator Probe to RSS Type Emulator MCU(for PC4701 system)
M3T-32LCC-A RENESAS-M3T-32LCC-A Datasheet
192Kb / 1P
Converter for Connecting Emulator Probe to RFS Type Emulator MCU(for PC4701 system/option)
M3T-32LCC-S RENESAS-M3T-32LCC-S Datasheet
271Kb / 1P
Converter for Connecting Emulator Probe to RFS Type Emulator MCU(for PC4701 system)
M3T-64DIP-DMS RENESAS-M3T-64DIP-DMS Datasheet
134Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to M3T-DUMMY64
PCA4625 RENESAS-PCA4625 Datasheet
105Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to 52-pin 1.778mm-pitch SDIP
PCA4627 RENESAS-PCA4627 Datasheet
83Kb / 1P
Converter for Connecting 52-pin RSS Type Emulator MCU to 42-pin 1.778mm-pitch SDIP
PCA4650G02 RENESAS-PCA4650G02 Datasheet
124Kb / 1P
Converter for Connecting Emulator Probe to RSS Type Emulator MCU(for PC4600 system)
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
PCA4912 RENESAS-PCA4912 Datasheet
130Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.27mm-pitch SOP
PCA4933 RENESAS-PCA4933 Datasheet
132Kb / 1P
Converter for Connecting Emulator Probe to RFS Type Emulator MCU (for PC4701, compact emulator, and PC4600 systems)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com