Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW26NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW26NM50
Description  N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STW26NM50 Datasheet HTML 1Page - STMicroelectronics STW26NM50 Datasheet HTML 2Page - STMicroelectronics STW26NM50 Datasheet HTML 3Page - STMicroelectronics STW26NM50 Datasheet HTML 4Page - STMicroelectronics STW26NM50 Datasheet HTML 5Page - STMicroelectronics STW26NM50 Datasheet HTML 6Page - STMicroelectronics STW26NM50 Datasheet HTML 7Page - STMicroelectronics STW26NM50 Datasheet HTML 8Page - STMicroelectronics STW26NM50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2005
STW26NM50
N-CHANNEL 500V - 0.10
Ω - 30A TO-247
MDmesh™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.10 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizon-
tal
layout.
The
resulting
product
has
an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the Company’s proprietary strip tech-
nique yields overall dynamic performance that is
significantly better than that of similar competi-
tion’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increas-
ing power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STW26NM50
500 V
< 0.120
Ω
30 A
TO-247
SALES TYPE
MARKING
PACKAGE
PACKAGING
STW26NM50
W26NM50
TO-247
TUBE
Rev. 9


Similar Part No. - STW26NM50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW26NM50 ISC-STW26NM50 Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STW26NM50 VBSEMI-STW26NM50 Datasheet
966Kb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
More results

Similar Description - STW26NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Apr-2003
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
N-CHANNEL 500V - 0.045Ω - 70A ISOTOP Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP20NK50Z STMICROELECTRONICS-STP20NK50Z Datasheet
133Kb / 7P
N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
Aug-2002
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
logo
Unisonic Technologies
26N50 UTC-26N50 Datasheet
187Kb / 6P
26A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com