Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW33N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW33N20
Description  N - CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW33N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STW33N20 Datasheet HTML 1Page - STMicroelectronics STW33N20 Datasheet HTML 2Page - STMicroelectronics STW33N20 Datasheet HTML 3Page - STMicroelectronics STW33N20 Datasheet HTML 4Page - STMicroelectronics STW33N20 Datasheet HTML 5Page - STMicroelectronics STW33N20 Datasheet HTML 6Page - STMicroelectronics STW33N20 Datasheet HTML 7Page - STMicroelectronics STW33N20 Datasheet HTML 8Page - STMicroelectronics STW33N20 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STW33N20
N - CHANNEL ENHANCEMENT MODE
POWER MOSFET
s
TYPICAL RDS(on) = 0.073
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
150
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
DC-DC CONVERTERS & DC-AC INVERTERS
s
TELECOMMUNICATION POWER SUPPLIES
s
INDUSTRIAL MOTOR DRIVES
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
200
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont inuous) at Tc =25
oC33
A
ID
Drain Current (cont inuous) at Tc =100
oC20
A
IDM(
•)
Drain Current (pulsed)
132
A
Ptot
Tot al Dissipation at Tc =25
oC
180
W
Derating Fact or
1. 44
W/
oC
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
ST W33N20
200 V
< 0.085
Ω
33 A
October 1997
1
2
3
TO-247
1/9


Similar Part No. - STW33N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW33N20 STMICROELECTRONICS-STW33N20 Datasheet
326Kb / 7P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
logo
Inchange Semiconductor ...
STW33N20 ISC-STW33N20 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW33N20

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com